Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEB-AJ Datasheet (PDF) - Littelfuse

LEB-AJ Datasheet PDF - Littelfuse
Part # LEB-AJ
Download  LEB-AJ Download
File Size   1644.93 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description IN-LINE WATERTIGHT FUSE HOLDERS

LEB-AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LEB-AJ Datasheet PDF - Littelfuse

Part # LEB-AJ
Download  LEB-AJ Click to download

File Size   1644.93 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description IN-LINE WATERTIGHT FUSE HOLDERS

LEB-AJ Datasheet (HTML) - Littelfuse


LEB-AJ Product details

Description
Recently redesigned, the Littelfuse 600 V ac/V dc in-line
watertight fuse holders allow maximum protection for high
humidity and corrosive environments. The fuse holders are
designed to be touch-safe and flexible for use in a variety
of applications. See the list below for the redesigned part
numbers.

Applications
Street lighting and parking lot lighting
Sports lighting and various outdoor illuminated signs
Boat electrical circuits, tractors/yard equipment and
general outdoor circuit protection (such as traffic
signals, alley lighting and electric wheelchairs)

Features/Benefits
Design increases safety by facilitating individual device
disconnection for easy servicing, eliminating shock risk
Increases efficiency by preventing faulted ballast from
severely damaging fixture or device
Designed to meet IP67 touch-safe standards
Watertight o-ring seal
Variety of terminations available for flexible design
Insulating boots available for harsh environments

Specifications
Voltage rating 600 V ac/V dc
Ampere rating up to 30 A
Interrupting rating 200 kA rms symmetrical (with Class CC fuses)
Approvals LEB/LEX series UL Recognized
Miscellaneous
Fuse holder per UL UL 4248 (File: E14721)
CSA Certified per C22.2, No. 39 (File: LR7316)
LEC/LEY series UL Listed Class CC Branch
Circuit
Fuse holder per UL 512 (File: E14721)
CSA Certified per C22.2, No. 39 (File: LR7316)
Flammability Rating UL 94 V-0




Similar Part No. - LEB-AJ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LEB-A4P-8A TEC-LEB-A4P-8A Datasheet
50Kb / 1P
Tyco Electronics
Rev1
logo
Littelfuse
LEB-AA LITTELFUSE-LEB-AA Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEB-AA-S LITTELFUSE-LEB-AA-S Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEB-AB LITTELFUSE-LEB-AB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEB-AYC-S LITTELFUSE-LEB-AYC-S Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
More results


Similar Description - LEB-AJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEY LITTELFUSE-LEY Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB3 LITTELFUSE-WPB3 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com