Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTX Datasheet (PDF) - Littelfuse

LTX Datasheet PDF - Littelfuse
Part # LTX
Download  LTX Download
File Size   362.48 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LTX SERIES 6 POSITION MEGA & MIDI POWER DISTRIBUTION BOX

LTX Datasheet (PDF)

Go To PDF Page Download Datasheet
LTX Datasheet PDF - Littelfuse

Part # LTX
Download  LTX Click to download

File Size   362.48 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LTX SERIES 6 POSITION MEGA & MIDI POWER DISTRIBUTION BOX

LTX Datasheet (HTML) - Littelfuse


LTX Product details

Description
The LTX Power Distribution Module is a high current sealed
primary fuse box that can be placed in the battery box, or
near the battery box to fuse major feeder cables. The unit
features bussed input to all 6 MEGA® and 2 MIDI® fuses.

Features and Benefits
• Put all the high current fusing in one sealed location
• Common input reduces the number of large gage cables
that need to attach to battery

Specifications Overview
Voltage: 6 - 32V DC
Max Total Current: 240A
Vibration: Per ISO 16750-3 4.1.2.7 Test VII
Fuse Torque: MEGA® M8 Bolt 12-18 Nm
MIDI® M5 Bolt 4-5 Nm
Mounting Torque: M8 Bolt 10-12 Nm
Operating Temp: -40 to +120 °C
Flammability Rating: UL94-V0
Ingress Protection: IP66
Input Wire Sizes: 50 mm²
Output Wire Sizes: MEGA: 16-35 mm2
MIDI: 10-16 mm2
Dimensions: 231x144x60 mm

Applications
• Construction Vehicles
• Agricultural Vehicles
• High amperage loads
• All bolt down connections are made inside of the seals
which enhances the environmental protection of the box
• Gore-Tex breather prevents temperature changes from
pulling in moisture
• Broad range of values for MEGA® and MIDI® fuses allow for
use in a variety of applications




Similar Part No. - LTX

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
LTX1700 MOBILEMARK-LTX1700 Datasheet
991Kb / 1P
MULTI-CARRIER MULTIBAND MIMO ANTENNA
2/2025
logo
Turck, Inc.
LTX8E-R10-LU0X3-H1151 TURCK-LTX8E-R10-LU0X3-H1151 Datasheet
727Kb / 3P
EZ-Track Linear Displacement Transducer – Analog
11/07/2023
More results


Similar Description - LTX

ManufacturerPart #DatasheetDescription
logo
Power-One
PPR5 POWER-ONE-PPR5 Datasheet
69Kb / 2P
3 & 6 Position Power Systems
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
List of Unclassifed Man...
735-409 ETC2-735-409 Datasheet
279Kb / 4P
IP 65 mini distribution box
logo
ALPS ELECTRIC CO.,LTD.
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
6-position Vertical Type
logo
Littelfuse
MDB LITTELFUSE-MDB Datasheet
203Kb / 2P
MDB SERIES MIDI POWER DISTRIBUTION FUSE HOLDER
logo
WAGO Kontakttechnik Gmb...
2854-300-1024-002 WAGO-2854-300-1024-002 Datasheet
875Kb / 5P
Office distribution box; Type 3; 24 axes
28.09.2021
logo
Amphenol Corporation
AW6P AMPHENOL-AW6P_V01 Datasheet
92Kb / 1P
P-WEDGELOCK, 6 POSITION, AT SERIES
A4
AW6S AMPHENOL-AW6S_V01 Datasheet
279Kb / 1P
S-WEDGELOCK, 6 POSITION, AT SERIES
A5
logo
Amphenol Sine Systems C...
AWP-6S ASS-AWP-6S Datasheet
57Kb / 1P
S-WEDGELOCK, 6 POSITION, ATP SERIES
Rev. A1
logo
Molex Electronics Ltd.
451360601 MOLEX-451360601 Datasheet
153Kb / 1P
Mega-Fit 6 Circuit 150MM
2018/01/08
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com