Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK165B Datasheet (PDF) - M.S. Kennedy Corporation

MSK165B Datasheet PDF - M.S. Kennedy Corporation
Part # MSK165B
Download  MSK165B Download
File Size   388.76 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER

MSK165B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK165B Datasheet PDF - M.S. Kennedy Corporation

Part # MSK165B
Download  MSK165B Click to download

File Size   388.76 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER

MSK165B Datasheet (HTML) - M.S. Kennedy Corporation


MSK165B Product details

DESCRIPTION:
The MSK 165 is an ultra high voltage dual monolithic MOSFET operational amplifier ideally suited for electrostatic transducer and electrostatic deflection applications. With a total supply voltage rating of 350 volts and 60mA of output current available from each amplifier, the MSK 165 is also an excellent low cost choice for high voltage piezo drive circuits. The MOSFET output frees the MSK 165 from secondary breakdown limitations and power dissipation is kept to a minimum with a quiescent current rating of only 4mA total. The MSK 165 is internally compensated for gains of 10 V/V or greater and is packaged in a hermetically sealed 14 pin power dip with heat sink bolt down tabs.

FEATURES:
• Internally Compensated For Gains > 10 V/V
• Monolithic MOS Technology
• High Voltage Operation : 350V
• Low Quiescent Current : 4mA Total
• High Output Current : 60mA Min. Per Channel
• No Secondary Breakdown
• High Speed : 40V/µS Typ.
• Space Efficient Dual Amplifier

TYPICAL APPLICATIONS
• High Voltage Piezo Electric Positioning
• Electrostatic Deflection
• Computer to Vacuum Tube Interface
• Ultra High Voltage
• Dual Op-Amp Applications
• Bridge Amplifier




Similar Part No. - MSK165B

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161 Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161B MSK-MSK161B Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161E MSK-MSK161E Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
MSK161 MSK-MSK161_15 Datasheet
153Kb / 6P
Electrically Isolated Case
logo
List of Unclassifed Man...
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
More results


Similar Description - MSK165B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
MSK103 ETC-MSK103 Datasheet
405Kb / 5P
ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
MSK164 ETC-MSK164 Datasheet
387Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
MSK166 ETC1-MSK166 Datasheet
458Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA1630D04 RENESAS-HA1630D04 Datasheet
467Kb / 24P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D04 RENESAS-HA1630D04_15 Datasheet
502Kb / 26P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01_15 Datasheet
481Kb / 28P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com