Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1100 Datasheet (PDF) - Rectron Semiconductor

FM1100 Datasheet PDF - Rectron Semiconductor
Part # FM1100
Download  FM1100 Download
File Size   269.45 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere

FM1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM1100 Datasheet PDF - Rectron Semiconductor

Part # FM1100
Download  FM1100 Click to download

File Size   269.45 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere

FM1100 Datasheet (HTML) - Rectron Semiconductor


FM1100 Product details

FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
* P/N suffix V means AEC-Q 101 qualified, e.g:FM120V
* P/N suffix V means Halogen-free




Similar Part No. - FM1100

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM1100 FORMOSA-FM1100 Datasheet
68Kb / 2P
Silicon epitaxial planer type
FM1100 FORMOSA-FM1100 Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Semiconducto...
FM1100 CHENDA-FM1100 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Electronic Components L...
FM1100 CLIFF-FM1100 Datasheet
1Mb / 2P
2.5mm, 3.5mm and ¼” (6.35mm) Mono and Stereo Jack Plugs
logo
Formosa MS
FM1100-L FORMOSA-FM1100-L Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Similar Description - FM1100

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com