Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFM308P Datasheet (PDF) - Rectron Semiconductor

HFM308P Datasheet PDF - Rectron Semiconductor
Part # HFM308P
Download  HFM308P Download
File Size   151.12 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere

HFM308P Datasheet (PDF)

Go To PDF Page Download Datasheet
HFM308P Datasheet PDF - Rectron Semiconductor

Part # HFM308P
Download  HFM308P Click to download

File Size   151.12 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere

HFM308P Datasheet (HTML) - Rectron Semiconductor


HFM308P Product details

FEATURES
* Ideal for surface mounted applications
* Glass passivated device
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any




Similar Part No. - HFM308P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM308 RECTRON-HFM308 Datasheet
284Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Leshan Radio Company
HFM308 LRC-HFM308 Datasheet
204Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
SUNMATE electronic Co.,...
HFM308 SUNMATE-HFM308 Datasheet
365Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
logo
Rectron Semiconductor
HFM308B RECTRON-HFM308B Datasheet
317Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM308CF RECTRON-HFM308CF Datasheet
112Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11/115 REV:O
More results


Similar Description - HFM308P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Raltron Electronics Cor...
HER301G RALTRON-HER301G Datasheet
34Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
logo
Rectron Semiconductor
HER301G RECTRON-HER301G Datasheet
34Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FM301L RECTRON-FM301L Datasheet
319Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
HFM201L RECTRON-HFM201L Datasheet
341Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
HFM301L RECTRON-HFM301L Datasheet
335Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FMSB307S RECTRON-FMSB307S Datasheet
589Kb / 7P
VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
2020-03/97 REV:A
HDB108LS RECTRON-HDB108LS Datasheet
98Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2015-04 REV: O
HDB208LS RECTRON-HDB208LS Datasheet
596Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2020-04/97 REV:A
HFM308CF RECTRON-HFM308CF Datasheet
112Kb / 6P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere
2021-11/115 REV:O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com