Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM100L60CMIS Datasheet (PDF) - International Rectifier

OM100L60CMIS Datasheet PDF - International Rectifier
Part # OM100L60CMIS
Download  OM100L60CMIS Download
File Size   194.21 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎

OM100L60CMIS Datasheet (PDF)

Go To PDF Page Download Datasheet
OM100L60CMIS Datasheet PDF - International Rectifier

Part # OM100L60CMIS
Download  OM100L60CMIS Click to download

File Size   194.21 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎

OM100L60CMIS Datasheet (HTML) - International Rectifier


OM100L60CMIS Product details

DESCRIPTION
C E R M O D ™ modules are isolated fully hermetic power modules which combine the latest NPT IGBT and Soft Recovery Rectifier technology housed in a low thermal resistance ceramic to metal sealed light weight package. This series of CERMOD™ power modules are offered in a three phase bridge configuration as Phase Leg and chopper configurations. Designed for tough environments, these high power modules are ideally suited in motor control, inverters, switching power supplies, in aerospace, defense, transportation and high power industrial equipment and systems.

FEATURES
• Rugged, Lightweight Hermetic Ceramic Package
• NPT IGBT Technology
• Soft Recovery Rectifiers
• Zener Gate Protection
• Short Circuit Capability
• -55 C to +150 C Operating Temperature Range
• Hi-Rel Screened Available




Similar Part No. - OM100L60CMIS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05DB ETC1-OM100Q05DB Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05RB ETC1-OM100Q05RB Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05XX ETC1-OM100Q05XX Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q10CB ETC1-OM100Q10CB Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
More results


Similar Description - OM100L60CMIS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MT160 IRF-36MT160 Datasheet
75Kb / 6P
THREE PHASE BRIDGE Power Modules
logo
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
02-Mar-18
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
03-Mar-18
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-131MT...C VISHAY-VS-131MT...C_V01 Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com