Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT16501 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74LPT16501 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74LPT16501
Download  PI74LPT16501 Download
File Size   56.06 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 18-Bit Registered Transceivers

PI74LPT16501 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74LPT16501 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74LPT16501
Download  PI74LPT16501 Click to download

File Size   56.06 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 18-Bit Registered Transceivers

PI74LPT16501 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74LPT16501 Product details

Product Description
Pericom Semiconductor’s PI74LPT series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.

Product Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V Tolerant Mixed Signal Mode Operation
    – Input can be 3V or 5V
    – Output can be 3V or connected to 5V bus
• Advanced Low Power CMOS Operation
• Excellent output drive capability: Balanced drives (24 mA sink and source)
• Pin compatible with industry standard double-density pinouts
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Multiple center pins and distributed Vcc/GND pins minimize switching noise
• Packages available:
    – 56-pin 240 mil wide plastic TSSOP (A)
    – 56-pin 300 mil wide plastic SSOP (V)




Similar Part No. - PI74LPT16501

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
Fast CMOS 16-Bit Latched Transceivers
More results


Similar Description - PI74LPT16501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16952 PERICOM-PI74LPT16952 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
18-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com