Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLLS0100AXV Datasheet (PDF) - Littelfuse

JLLS0100AXV Datasheet PDF - Littelfuse
Part # JLLS0100AXV
Download  JLLS0100AXV Download
File Size   787.34 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS T ??JLLN / JLLS SERIES

JLLS0100AXV Datasheet (PDF)

Go To PDF Page Download Datasheet
JLLS0100AXV Datasheet PDF - Littelfuse

Part # JLLS0100AXV
Download  JLLS0100AXV Click to download

File Size   787.34 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS T ??JLLN / JLLS SERIES

JLLS0100AXV Datasheet (HTML) - Littelfuse


JLLS0100AXV Product details

Description
JLLN / JLLS series fuses are less than 1/3 the size of
comparable Class R fuses and are typically used for short
circuit protection of drives and surge sensitive components.
When rated in accordance with the NEC*, JLLN / JLLS
fuses provide fast-acting overload and short circuit
protection for non-inductive circuits and equipment.

Features/Benefits
Extremely current-limiting
Compact design
200 kA interrupting rating
JLLN 35–60 amperes available with PCB mounts

Applications
Variable speed drive protection
Power conversion devices (inverters, rectifiers, UPS)
Power supplies and power distribution units
Compact mains switches

Specifications
JLLN
Voltage Ratings Ac: 300 V
Dc: 160 V (1–60 A)
125 V (70–1200 A)
Ampere Range 1–1200 A
Interrupting Ratings Ac: 200 kA rms symmetrical
Dc: 50 kA (1–30 A)
20 kA (35–1200 A)
Approvals Ac: UL Standard 248-15, Class T
UL Listed (File: E81895): 1–1200 A
CSA Certified (File: LR29862): 1–600 A
Dc: UL Listed (File: E81895): 1–1200 A
Material 1–30 A: melamine body, bronze caps
35–1200 A: melamine body, copper caps
Environmental RoHS Compliant
Country of Origin Mexico
JLLS
Voltage Ratings Ac: 600 V
Dc: 300 V
Ampere Range 1–1200 A
Interrupting Ratings Ac: 200 kA rms symmetrical
Dc: 20 kA
Approvals Ac: UL Standard 248-15, Class T
UL Listed (File: E81895): 1–1200 A
CSA Certified (File: LR29862): 1– 600 A
Dc: Littelfuse self-certified
Material 1–30 A: melamine body, copper caps
35–60 A: melamine body, bronze caps
70–1200 A: melamine body, copper caps
Environmental RoHS Compliant
Country of Origin Mexico




Similar Part No. - JLLS0100AXV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLLS010 LITTELFUSE-JLLS010 Datasheet
361Kb / 6P
600 V ac • Fast-Acting • 1–1200 A
07/14/2022
JLLS010.T LITTELFUSE-JLLS010.T Datasheet
361Kb / 6P
600 V ac • Fast-Acting • 1–1200 A
07/14/2022
JLLS010.TXP LITTELFUSE-JLLS010.TXP Datasheet
361Kb / 6P
600 V ac • Fast-Acting • 1–1200 A
07/14/2022
JLLS010P LITTELFUSE-JLLS010P Datasheet
361Kb / 6P
600 V ac • Fast-Acting • 1–1200 A
07/14/2022
More results


Similar Description - JLLS0100AXV

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
List of Unclassifed Man...
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
Littelfuse
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
JLLN LITTELFUSE-JLLN Datasheet
542Kb / 3P
CLASS T JLLN/ JLLS SERIES FUSES
JLLS LITTELFUSE-JLLS Datasheet
542Kb / 3P
CLASS T JLLN/ JLLS SERIES FUSES
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T300 EATON-T300 Datasheet
805Kb / 4P
Class T 300V open fuse blocks
T600 EATON-T600 Datasheet
895Kb / 4P
Class T 600V open fuse blocks
logo
Littelfuse
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com