Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24046 Datasheet (PDF) - Microchip Technology

MIC24046 Datasheet PDF - Microchip Technology
Part # MIC24046
Download  MIC24046 Download
File Size   4256.24 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Pin-Programmable, 19V Input, 5A Step-Down Converter

MIC24046 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC24046 Datasheet PDF - Microchip Technology

Part # MIC24046
Download  MIC24046 Click to download

File Size   4256.24 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Pin-Programmable, 19V Input, 5A Step-Down Converter

MIC24046 Datasheet (HTML) - Microchip Technology


MIC24046 Product details

General Description
The MIC24046 is a pin-programmable, high-efficiency,
wide input range, 5A synchronous step-down regulator.
The MIC24046 is perfectly suited for multiple-voltage
rail application environments typically found in computing
and telecommunication systems.
It can be programmed by pin strapping various parameters,
such as output voltage, switching frequency, and
current-limit values. The pin-selectable switching frequency,
valley-current mode control technique,
high-performance error amplifier, and external compensation
allow for the best trade-offs between high
efficiency and the smallest possible solution size.
The MIC24046 is available in a thermally efficient,
space-saving, 20-lead 3 mm × 3 mm VQFN package
with an operating junction temperature range of –40°C to +125°C.

Features
• 4.5V to 19V Input Voltage Range
• 2.5V to 19V Power Stage Input Voltage Range
with VDDA Externally Applied
• 5A (Maximum) Output Current
• High Efficiency (>90%)
• Pin-Selectable Output Voltages:
- 0.7V, 0.8V, 0.9V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V,
and 3.3V
• ±1% Output Voltage Accuracy
• Supports Safe Start-Up with Pre-Biased Output
• Pin-Selectable Current Limit and Switching Frequency
• Internal Soft-Start and Thermal Shutdown Protection
• Hiccup-Mode Short-Circuit Protection
• Available in a 20-lead 3 mm × 3 mm VQFN Package
• –40°C to +125°C Junction Temperature Range

Applications
• Servers, Data Storage, Routers, and Base Stations
• FPGAs, DSP, and Low-Voltage ASIC Power




Similar Part No. - MIC24046

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046-HYFL MICREL-MIC24046-HYFL Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046YFL MICREL-MIC24046YFL Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
More results


Similar Description - MIC24046

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
5A, 32V, 500kHz Step-Down Converter
logo
Texas Instruments
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
Micrel Semiconductor
MIC24046-H MICREL-MIC24046-H Datasheet
1Mb / 24P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
logo
Texas Instruments
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
logo
Monolithic Power System...
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com