Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4424 Datasheet (PDF) - Microchip Technology

MIC4424 Datasheet PDF - Microchip Technology
Part # MIC4424
Download  MIC4424 Download
File Size   2442.87 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 3A Peak Low-Side MOSFET Drivers

MIC4424 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4424 Datasheet PDF - Microchip Technology

Part # MIC4424
Download  MIC4424 Click to download

File Size   2442.87 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 3A Peak Low-Side MOSFET Drivers

MIC4424 Datasheet (HTML) - Microchip Technology


MIC4424 Product details

General Description
The MIC4423/4424/4425 family are highly reliable
BiCMOS/DMOS buffer/driver/MOSFET drivers. They
are higher output current versions of the
MIC4426/4427/4428, which are improved versions of
the MIC426/427/428. All three families are pin
compatible. The MIC4423/4424/4425 drivers are
capable of giving reliable service in more demanding
electrical environments than their predecessors. They
will not latch under any conditions within their power
and voltage ratings. They can survive up to 5V of noise
spiking, of either polarity, on the ground pin. They can
accept, without either damage or logic upset, up to half
an amp of reverse current (either polarity) forced back
into their outputs.
The MIC4423/4424/4425 series drivers are easier to
use, more flexible in operation, and more forgiving than
other CMOS or bipolar drivers currently available. Their
BiCMOS/DMOS construction dissipates minimum
power and provides rail-to-rail voltage swings.
Primarily intended for driving power MOSFETs, the
MIC4423/4424/4425 drivers are suitable for driving
other loads (capacitive, resistive, or inductive) which
require low-impedance, high peak currents, and fast
switching times. Heavily loaded clock lines, coaxial
cables, or piezoelectric transducers are some
examples. The only known limitation on loading is that
total power dissipated in the driver must be kept within
the maximum power dissipation limits of the package.
See MIC4123/4124/4125 for high power and narrow
pulse applications.

Features
• Reliable, Low-Power Bipolar/CMOS/DMOS
Construction
• Latch-Up Protected to >500 mA Reverse Current
• Logic Input withstands Swing to –5V
• High 3A Peak Output Current
• Wide 4.5V to 18V Operating Range
• Drives 1800 pF Capacitance in 25 ns
• Short <40 ns Typical Delay Time
• Delay Times Consistent within Supply Voltage
Change
• Matched Rise and Fall Times
• TTL Logic Input Independent of Supply Voltage
• Low Equivalent 6 pF Input Capacitance
• Low Supply Current
- 3.5 mA with Logic 1 Input
- 350 μA with Logic 0 Input
• Low 3.5Ω Typical Output Impedance
• Output Voltage Swings within 25 mV of Ground or
VS.
• ‘426/7/8-, ‘1426/7/8-, ‘4426/7/8-Compatible Pinout
• Inverting, Non-Inverting, and Differential
Configurations




Similar Part No. - MIC4424

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4424 MICREL-MIC4424 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4424 MIC-MIC4424 Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4424 MICREL-MIC4424 Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424BM MICREL-MIC4424BM Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4424BM MICREL-MIC4424BM Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
More results


Similar Description - MIC4424

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com