Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321-NDYML-TR Datasheet (PDF) - Microchip Technology

MIC5321-NDYML-TR Datasheet PDF - Microchip Technology
Part # MIC5321-NDYML-TR
Download  MIC5321-NDYML-TR Download
File Size   2444.25 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator

MIC5321-NDYML-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5321-NDYML-TR Datasheet PDF - Microchip Technology

Part # MIC5321-NDYML-TR
Download  MIC5321-NDYML-TR Click to download

File Size   2444.25 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator

MIC5321-NDYML-TR Datasheet (HTML) - Microchip Technology


MIC5321-NDYML-TR Product details

General Description
The MIC5321 is a tiny, dual ultra-low dropout linear
regulator ideally suited for applications that require high
PSRR because it provides a bypass pin for those noise
sensitive portable electronics. The MIC5321 integrates
two high-performance 150 mA ULDOs into a very
compact 1.6 mm x 1.6 mm leadless UDFN package
that provides exceptional thermal package
characteristics.
The MIC5321 is a μCap design that enables operation
with very small ceramic output capacitors for stability,
thereby reducing required board space and component
cost. The combination of extremely low dropout
voltage, very high power supply rejection, very low
output noise, and exceptional thermal package
characteristics makes it ideal for powering RF
application, cellular phone camera modules, imaging
sensors for digital still cameras, PDAs, MP3 players
and WebCam applications.
The MIC5321 is available in fixed-output voltages in the
tiny 6-pin 1.6 mm x 1.6 mm leadless UDFN package,
which is only 2.56 mm2 in area, less than 30% the area
of the SOT-23 and TSOP 3x3 packages. It’s also
available in the thin SOT-23 6-lead package and the
standard size 6-pin 1.6 mm x 1.6 mm leadless WDFN
package. Additional voltage options are available. For
more information, contact Microchip.

Features
• 2.3V to 5.5V Input Voltage Range
• Ultra-Low Dropout Voltage 35 mV @ 150 mA
• Tiny 6-Pin 1.6 mm x 1.6 mm Thin UDFN Leadless
Package
• Low Cost 6-Lead TSOT-23 Package
• Bypass Pin for Improved Noise Performance
• High PSRR: >75 dB on Each LDO
• Ultra-Low Noise Output: >30 μVRMS
• Dual 150 mA Outputs
• μCap Stable with 1 μF Ceramic Capacitor
• Low Quiescent Current: 150 μA
• Fast Turn-On Time: 45 μs
• Thermal Shutdown Protection
• Current Limit Protection

Applications
• Mobile Phones
• PDAs
• GPS Receivers
• Portable Electronics
• Portable Media Players
• Digital Still and Video Cameras




Similar Part No. - MIC5321-NDYML-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321-NDYMT MICREL-MIC5321-NDYMT Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5321-NDYMT MICREL-MIC5321-NDYMT Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
More results


Similar Description - MIC5321-NDYML-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
ON Semiconductor
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
High Performance Low Dropout 150 mA LDO
09/14/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com