Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX-15091 Datasheet (PDF) - SparkFun Electronics

SPX-15091 Datasheet PDF - SparkFun Electronics
Part # SPX-15091
Download  SPX-15091 Download
File Size   262.56 Kbytes
Page   5 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Sunflower Shield - 3.5" TFT w/ Cap Touch

SPX-15091 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX-15091 Datasheet PDF - SparkFun Electronics

Part # SPX-15091
Download  SPX-15091 Click to download

File Size   262.56 Kbytes
Page   5 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Sunflower Shield - 3.5" TFT w/ Cap Touch

SPX-15091 Datasheet (HTML) - SparkFun Electronics


SPX-15091 Product details

FEATURES
Graphics
 3.5" 320 x 240 (QVGA) TFT Display with 24 bit color
 Multi-domain vertical alignment for better visibility
 Bridgetek FT813 graphics controller IC with Embedded Video Engine (EVE)
 Integrated capacitive touchscreen
 Constant-current PWM LED driver for backlight
 Excellent Arduino support w/ Gameduino2 library
Peripherals
 Micro SD card slot using SPI
 K-type thermocouple using MAX31855 amplifier – range -200 to 700 C, +/- 2 C
 Poke-home connection for 8 Ohm 1W speaker
 Poke-home connector for solid-state relay control
Arduino Pin Usage (Uno)
 SPI (Shareable)
o MOSI (D11) : TFT, SD
o MISO (D12) : TFT, SD, Thermocouple
o SCLK (D13) : TFT, SD< Thermocouple
 Other (Reserved)
o D6 : TFT Chip Select
o D5 : TFT Power-down
o D2 : TFT Interrupt
o D10 : SD Chip Select
o D3 : Thermocouple Chip Select
o D4 : Solid State Relay




Similar Part No. - SPX-15091

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SPX-15098 SPARKFUN-SPX-15098 Datasheet
164Kb / 3P
SparkFun BlackBoard C
1??1??9
More results


Similar Description - SPX-15091

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-31T-E3AE ADVANTECH-TPC-31T-E3AE Datasheet
684Kb / 2P
3.5"/5.7" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
logo
Pixart Imaging Inc.
PCT1336QN PIXART-PCT1336QN Datasheet
993Kb / 23P
Cap-Touch Controller
logo
Newhaven Display Intern...
NHD-3.5-320240FT-CSXN-CTP NEWHAVEN-NHD-3.5-320240FT-CSXN-CTP Datasheet
827Kb / 12P
3.5" EVE2 TFT Module
NHD-3.5-320240FT-CSXN-T NEWHAVEN-NHD-3.5-320240FT-CSXN-T Datasheet
822Kb / 12P
3.5" EVE2 TFT Module
logo
Schneider Electric
HMIGTO1300FC SCHNEIDER-HMIGTO1300FC Datasheet
95Kb / 3P
Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, coated display
Apr 27, 2022
HMIGTO1300FW SCHNEIDER-HMIGTO1300FW Datasheet
100Kb / 3P
Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, logo removed
Apr 27, 2022
HMIGTO1310FC SCHNEIDER-HMIGTO1310FC Datasheet
96Kb / 3P
Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, coated display
Apr 27, 2022
HMIGTO1310FW SCHNEIDER-HMIGTO1310FW Datasheet
101Kb / 3P
Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, logo removed
Apr 27, 2022
logo
Advantech Co., Ltd.
TPC-61T ADVANTECH-TPC-61T Datasheet
771Kb / 2P
5.7"/3.5" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
5-Jan-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com