Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700007 Datasheet (PDF) - PHOENIX CONTACT

0700007 Datasheet PDF - PHOENIX CONTACT
Part # 0700007
Download  0700007 Download
File Size   197.15 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal Circuit Breaker

0700007 Datasheet (PDF)

Go To PDF Page Download Datasheet
0700007 Datasheet PDF - PHOENIX CONTACT

Part # 0700007
Download  0700007 Click to download

File Size   197.15 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal Circuit Breaker

0700007 Datasheet (HTML) - PHOENIX CONTACT


0700007 Product details

Description
Thermal circuit breaker, can be switched back on again,
very compact, to protect 12 V and 24 V on-board systems
and devices in trucks, buses and commercial vehicles as
well as boats and low-voltage systems in chargers for solar
systems, for example. In contrast to the TCP, the TCP.../
DC32V does not offer the option of switching off the current
circuit manually. The fact that it can be switched back on,
however, increases the availability of the devices and lowvoltage
systems and it is no longer necessary to have replacement
fuses in the vehicle. In addition, errors resulting
from the wrong fuse being used are avoided due to the clear
color coding of the TCP.../DC32V.
The TCP.../DC32V thermal circuit breaker fits in all fuse
holders designed for flat-type fuse inserts in accordance
with ISO 8820-3 (DIN 72581-3). This means that it can be
plugged onto the UK 6-FSI/C... fuse base terminal blocks
with the screw connection technology and on the
ST 4-FSI/C... with the spring-cage connection technology.
Potential distribution can be implemented conveniently for
both terminal types using bridges.




Similar Part No. - 0700007

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
07000 PRESTO-07000 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
0700025 PHOENIX-0700025 Datasheet
413Kb / 4P
Thermal device circuit breaker - TCP 25/DC32V
12/09/2015
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
logo
SUYIN USA, INC.
070008FB015S1034R SUYIN-USA-070008FB015S1034R Datasheet
109Kb / 1P
15 PIN D-SUB FEMALE SMD TYPE CONN
070008FB015S2034R SUYIN-USA-070008FB015S2034R Datasheet
109Kb / 1P
15 PIN D-SUB FEMALE SMD TYPE CONN
More results


Similar Description - 0700007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
logo
ETAL Group
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
Thermal Overcurrent Circuit Breaker 1410-L/-G
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
Single pole thermal reset circuit breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
Apr 6, 2021
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
Thermal device circuit breaker - TCP 0.1A
15.05.2012
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com