Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA07W Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA07W Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # ESDA07W
Download  ESDA07W Download
File Size   1442.56 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description UNIDIRECTIONAL TVS DIODE

ESDA07W Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA07W Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA07W
Download  ESDA07W Click to download

File Size   1442.56 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description UNIDIRECTIONAL TVS DIODE

ESDA07W Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


ESDA07W Product details

Features

●Ultra small package: 1.0x0.6x0.5mm
●Ultra low leakage: nA level
●Low operating voltage:7V
●Low clamping voltage
●2-pin leadless package
●Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 20A (8/20μs)
●RoHS Compliant

Applications

●Cellular Handsets and Accessories
●Personal Digital Assistants
●Notebooks and Handhelds
●Portable Instrumentation
●Digital Cameras
●Peripherals
●Audio Players
●Keypads, Side Keys, LCD Displays




Similar Part No. - ESDA07W

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA07CP LEIDITECH-ESDA07CP Datasheet
641Kb / 4P
1- -directional TVS Diode
More results


Similar Description - ESDA07W

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com