Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA3011CDN Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SDA3011CDN Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SDA3011CDN
Download  SDA3011CDN Download
File Size   1001.42 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional TVS Diode

SDA3011CDN Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA3011CDN Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SDA3011CDN
Download  SDA3011CDN Click to download

File Size   1001.42 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional TVS Diode

SDA3011CDN Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SDA3011CDN Product details

Features

●Ultra low leakage: nA level
●Operating voltage: 30V
●Low clamping voltage
●Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±15KV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 3A (8/20μs)
●RoHS Compliant

Applications

●Cellular Handsets & Accessories
●Keypads, Side keys, Audio Po rts
●Portable Instrumentation
●Notebooks, Des ktops, and Servers
●Digital Lines
●Tablet PC




Similar Part No. - SDA3011CDN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
BIPOLAR IC
logo
Solid States Devices, I...
SDA304A SSDI-SDA304A Datasheet
108Kb / 2P
10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA304B SSDI-SDA304B Datasheet
108Kb / 2P
10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA304C SSDI-SDA304C Datasheet
108Kb / 2P
10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA304D SSDI-SDA304D Datasheet
108Kb / 2P
10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE
More results


Similar Description - SDA3011CDN

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com