Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA36C Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA36C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMDA36C
Download  SMDA36C Download
File Size   694.19 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Clamping Voltage TVS Diode Array

SMDA36C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDA36C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA36C
Download  SMDA36C Click to download

File Size   694.19 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Clamping Voltage TVS Diode Array

SMDA36C Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMDA36C Product details

Features

●Protects Four Bidirectional I/O Lines
●Operating voltage: 36V
●Low clamping voltage
●Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●RoHS Compliant

Applications

●Two and Three Wire DC High -Side and Low-Side
Proximity Switches
●Digital Sensor Input Protect ion
●Industrial Controls
●36V DC S upply Protection
●Automotive Appl ications




Similar Part No. - SMDA36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDA36C PROTEC-SMDA36C Datasheet
84Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
SMDA36C PROTEC-SMDA36C Datasheet
510Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA36C PROTEC-SMDA36C Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA36C PROTEC-SMDA36C Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA36C PROTEC-SMDA36C Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
More results


Similar Description - SMDA36C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD0564T6 LEIDITECH-ESD0564T6 Datasheet
714Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD0565T6 LEIDITECH-ESD0565T6 Datasheet
677Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3364T6 LEIDITECH-ESD3364T6 Datasheet
802Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3365T6 LEIDITECH-ESD3365T6 Datasheet
756Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD1521C LEIDITECH-ESD1521C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD1821C LEIDITECH-ESD1821C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD2421C LEIDITECH-ESD2421C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESD2521C LEIDITECH-ESD2521C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SDC12DT3 LEIDITECH-SDC12DT3 Datasheet
325Kb / 3P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com