Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM6010 Datasheet (PDF) - Analog Devices

ADUM6010 Datasheet PDF - Analog Devices
Part # ADUM6010
Download  ADUM6010 Download
File Size   434.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated DC-to-DC Converter

ADUM6010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM6010 Datasheet PDF - Analog Devices

Part # ADUM6010
Download  ADUM6010 Click to download

File Size   434.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated DC-to-DC Converter

ADUM6010 Datasheet (HTML) - Analog Devices


ADUM6010 Product details

GENERAL DESCRIPTION
The ADuM60101 is an integrated, isolated dc-to-dc converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides regulated, isolated power, adjustable between 3.15 V and 5.25 V. Input supply voltages can range from slightly below the required output to significantly higher. Popular combination and their associated power levels are shown in Table 1.
The iCoupler chip-scale transformer technology is used for isolated logic signals and for the magnetic components of the dc-to-dc converter. The result is a small form factor, total isolation solution.
isoPower uses high frequency switching elements to transfer power through its transformer. Special care must be taken during printed circuit board (PCB) layout to meet emissions standards. See the AN-0971 Application Note for board layout recommendations.

FEATURES
isoPower integrated, isolated dc-to-dc converter
Regulated 3.15 V to 5.25 V output
Up to 150 mW output power
20-lead SSOP package with 5.3 mm creepage
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition
3750 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak

APPLICATIONS
Power supply start-up bias and gate drives
Isolated sensor interfaces
Industrial PLCs




Similar Part No. - ADUM6010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6010 AD-ADUM6010 Datasheet
486Kb / 16P
The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
ADUM6010 AD-ADUM6010 Datasheet
290Kb / 8P
iCoupler EVAL-ADuM5010EBZ, 150 mW isoPower Evaluation Board
REV. 0
ADuM6010ARSZ AD-ADuM6010ARSZ Datasheet
486Kb / 16P
The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
ADuM6010ARSZ-RL7 AD-ADuM6010ARSZ-RL7 Datasheet
486Kb / 16P
The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
More results


Similar Description - ADUM6010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5400_VA AD-ADUM5400_VA Datasheet
301Kb / 16P
Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. A
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
Quad-Channel Isolators with Integrated DC-to-DC Converter
12/2020-Rev. 0 to Rev. A
ADUM5400 AD-ADUM5400_V01 Datasheet
338Kb / 16P
Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com