Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM6200 Datasheet (PDF) - Analog Devices

ADUM6200 Datasheet PDF - Analog Devices
Part # ADUM6200
Download  ADUM6200 Download
File Size   569.29 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter

ADUM6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM6200 Datasheet PDF - Analog Devices

Part # ADUM6200
Download  ADUM6200 Click to download

File Size   569.29 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter

ADUM6200 Datasheet (HTML) - Analog Devices


ADUM6200 Product details

GENERAL DESCRIPTION
The ADuM6200/ADuM6201/ADuM62021 are dual-channel digital isolators with isoPower®, an integrated, isolated dc-to-dc
converter. Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-dc converter provides up to 400 mW of regulated, iso-
lated power at either 5.0 V or 3.3 V from a 5.0 V input supply, or at 3.3 V from a 3.3 V supply at the power levels shown in Table 1.
These devices eliminate the need for a separate, isolated dc-to-dc
converter in low power, isolated designs. The iCoupler chip scale transformer technology is used to isolate the logic signals and for
the magnetic components of the dc-to-dc converter. The result is a small form factor, total isolation solution. The ADuM6200/ADuM6201/ADuM6202 isolators provide two
independent isolation channels in a variety of channel configura-
tions and data rates (see the Ordering Guide for more information). isoPower uses high frequency switching elements to transfer power
through its transformer. Special care must be taken during printed circuit board (PCB) layout to meet emissions standards. See the
AN-0971 Application Note for board layout recommendations.

FEATURES isoPower integrated, isolated dc-to-dc converter Regulated 5 V or 3.3 V output Up to 400 mW output power
Dual dc-to-25 Mbps (NRZ) signal isolation channels 16-lead SOIC wide body package version
16-lead SOIC wide body enhanced creepage version
High temperature operation: 105°C maximum
Safety and regulatory approvals
UL recognition 5000 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A IEC 60601-1: 250 V rms, 8 mm package (RI-16-1) IEC 60950-1: 400 V rms, 8 mm package (RI-16-1) VDE certificate of conformity (RW-16) IEC 60747-5-2 (VDE 0884 Part 2):2003-01 VIORM = 846 V peak VDE certificate of conformity, 8 mm package (RI-16-1) DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak

APPLICATIONS
RS-232/RS-422/RS-485 transceivers Industrial field bus isolation
Isolated sensor interfaces
Industrial PLCs




Similar Part No. - ADUM6200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200ARIZ AD-ADUM6200ARIZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200ARIZ AD-ADUM6200ARIZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200ARWZ AD-ADUM6200ARWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Similar Description - ADUM6200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
10/12-Revision 0
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com