Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM7703 Datasheet (PDF) - Analog Devices

ADUM7703 Datasheet PDF - Analog Devices
Part # ADUM7703
Download  ADUM7703 Download
File Size   353.58 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, Isolated, Sigma-Delta ADC

ADUM7703 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM7703 Datasheet PDF - Analog Devices

Part # ADUM7703
Download  ADUM7703 Click to download

File Size   353.58 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, Isolated, Sigma-Delta ADC

ADUM7703 Datasheet (HTML) - Analog Devices


ADUM7703 Product details

GENERAL DESCRIPTION
The ADuM7703 is a high performance, second-order, Σ-Δ analog-
to-digital converter (ADC) with an integrated low dropout (LDO) regulator that converts an analog input signal into a high speed, single-bit data stream with on-chip digital isolation
based on Analog Devices, Inc., iCoupler® technology. The
device operates from a 4.5 V to 20 V power supply range (VDD1)
and accepts a pseudo differential input signal of ±250 mV
(±320 mV full-scale). The pseudo differential input is ideally suited to shunt voltage monitoring in high voltage applications where galvanic isolation is required.
The analog input is continuously sampled by a high performance analog modulator and converted to a ones density digital output stream with a data rate of up to 21 MHz. The original information
can be reconstructed with an appropriate sinc3 digital filter to
achieve an 86 dB signal-to-noise ratio (SNR) at 78.1 kSPS with a
256 decimation rate and a 20 MHz master clock. The serial
input and output operates from a 5 V or a 3.3 V supply (VDD2).
The serial interface is digitally isolated. High speed complementary metal-oxide semiconductor (CMOS) technology, combined with monolithic transformer technology, results in the on-chip isolation
providing outstanding performance characteristics, superior to alternatives such as optocoupler devices. The ADuM7703 device is available in a 16-lead, wide-body SOIC with an operating
temperature range of −40°C to +125°C and an 8-lead, wide-body
SOIC with an operating temperature range of −40°C to +105°C.




Similar Part No. - ADUM7703

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703-8BRIZ AD-ADUM7703-8BRIZ Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703-8BRIZ-RL AD-ADUM7703-8BRIZ-RL Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703-8BRIZ-RL7 AD-ADUM7703-8BRIZ-RL7 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7703BRWZ AD-ADUM7703BRWZ Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
More results


Similar Description - ADUM7703

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7402 AD-AD7402 Datasheet
519Kb / 20P
16-Bit, Isolated Sigma-Delta Modulator
REV. A
AD7403 AD-AD7403 Datasheet
655Kb / 25P
16-Bit, Isolated Sigma-Delta Modulator
Rev. B
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
3/2019-Revision 0
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
16-Bit, Isolated, Sigma-Delta ADC
6/2019-Revision 0
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
7/2020-Revision 0
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
8/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com