Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9128A Datasheet (PDF) - Micronas

MAS9128A Datasheet PDF - Micronas
Part # MAS9128A
Download  MAS9128A Download
File Size   221.84 Kbytes
Page   8 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description LDO Voltage Regulator IC

MAS9128A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9128A Datasheet PDF - Micronas

Part # MAS9128A
Download  MAS9128A Click to download

File Size   221.84 Kbytes
Page   8 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description LDO Voltage Regulator IC

MAS9128A Datasheet (HTML) - Micronas


MAS9128A Product details

DESCRIPTION
The MAS9128A is voltage regulator IC with three 2.85V LDO regulators providing voltage regulation for the handset terminal. The output voltages of the three regulators can be modified through a mask option. Two enable/disable pins control the state of the regulators. In order to save power the device goes into sleep mode when all regulators are disabled. An internal thermal protection circuit prevents the device from overheating. The maximum output current is limited internally.

FEATURES
• 2.85V regulators at 100mA, 70mA and 50mA
• Output accuracy <±3%
• Fast dynamic response
• Low output noise
• Low supply current: 150µA per regulator
• SO8 package

APPLICATIONS
• Mobile phones
• Cordless phones
• Battery powered systems




Similar Part No. - MAS9128A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS9122 ETC1-MAS9122 Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
MAS9122ASM2-T ETC1-MAS9122ASM2-T Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
MAS9122ASM3-T ETC1-MAS9122ASM3-T Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
MAS9122ASM4-T ETC1-MAS9122ASM4-T Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
More results


Similar Description - MAS9128A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
80 mA LDO VOLTAGE REGULATOR IC
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
List of Unclassifed Man...
MAS9122 ETC1-MAS9122 Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
logo
AUK corp
A78R33PIC AUK-A78R33PIC Datasheet
295Kb / 7P
LDO Fixed Regulator IC
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI-DRV8850_15 Datasheet
974Kb / 23P
Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
Low-Voltage H-Bridge IC with LDO Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
800mA LDO Regulator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com