Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4890 Datasheet (PDF) - Maxim Integrated Products

MAX4890 Datasheet PDF - Maxim Integrated Products
Part # MAX4890
Download  MAX4890 Download
File Size   280.35 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10/100/1000 Base-T Ethernet LAN Switch

MAX4890 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4890 Datasheet PDF - Maxim Integrated Products

Part # MAX4890
Download  MAX4890 Click to download

File Size   280.35 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10/100/1000 Base-T Ethernet LAN Switch

MAX4890 Datasheet (HTML) - Maxim Integrated Products


MAX4890 Product details

General Description

The MAX4890/MAX4891/MAX4892 high-speed analog switches meet the needs of 10/100/1000 Base-T applications. These devices switch the signals from two interface transformers and connect the signals to a single 10/100/1000 Base-T Ethernet PHY, simplifying docking station design and reducing manufacturing costs. The MAX4890/MAX4891/MAX4892 can also route signals from a common interface transformer to two different boards in board-redundancy applications.



Features

♦ Single +3.0V to +3.6V Power-Supply Voltage

♦ Low On-Resistance (RON): 4Ω (typ), 6.5Ω (max)

♦ Ultra-Low On-Capacitance (CON): 6.5pF (typ)

♦ Low < 200ps Bit-to-Bit Skew

♦ -3dB Bandwidth: 1GHz

♦ Optimized Pin-Out for Easy Transformer and PHY Interface

♦ Built-In LED Switches for Switching Indicators to Docking Station

♦ Low 450µA (max) Quiescent Current

♦ Bidirectional 8 to 16 Multiplexer/Demultiplexer

♦ Space-Saving Packages

   32-Pin, 5mm x 5mm, TQFN Package

   36-Pin, 6mm x 6mm, TQFN Package



Applications

  Notebooks and Docking Stations

  Servers and Routers with Ethernet Interfaces

  Board-Level Redundancy Protection

  SONET/SDH Signal Routing

  T3/E3 Redundancy Protection

  Video Switching



 




Similar Part No. - MAX4890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
175Kb / 17P
10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
MAX4890E MAXIM-MAX4890E Datasheet
1Mb / 13P
1000 Base-T, ±15kV ESD Protection LAN Switches
Rev 0; 8/06
MAX4890EETJ MAXIM-MAX4890EETJ Datasheet
1Mb / 13P
1000 Base-T, ±15kV ESD Protection LAN Switches
Rev 0; 8/06
MAX4890ETJ MAXIM-MAX4890ETJ Datasheet
175Kb / 17P
10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
More results


Similar Description - MAX4890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
logo
Bothhand USA, LP.
NS0068C BOTHHAND-NS0068C Datasheet
263Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068D BOTHHAND-NS0068D Datasheet
267Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068 BOTHHAND-NS0068 Datasheet
276Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
logo
Bourns Electronic Solut...
PT61020EL BOURNS-PT61020EL Datasheet
143Kb / 1P
LAN 10/100/1000 Base-T Transformer Modules
PT61022EL BOURNS-PT61022EL Datasheet
140Kb / 1P
LAN 10/100/1000 Base-T Transformer Modules
logo
Allied Components Inter...
AR12-4245 ALLIED-AR12-4245 Datasheet
760Kb / 2P
10/100/1000 Base-T Gigabit LAN and other Ethernet Applications
ARA502-1122S ALLIED-ARA502-1122S Datasheet
519Kb / 2P
10/100/1000 Base-T Ethernet Application
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
LAN 10/100/1000 Base-T (PoE) Transformer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com