Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-MBRB15CT-M3 Datasheet (PDF) - Vishay Siliconix

VS-MBRB15CT-M3 Datasheet PDF - Vishay Siliconix
Part # VS-MBRB15CT-M3_V01
Download  VS-MBRB15CT-M3 Download
File Size   226.72 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 7.5 A

VS-MBRB15CT-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-MBRB15CT-M3 Datasheet PDF - Vishay Siliconix

Part # VS-MBRB15CT-M3_V01
Download  VS-MBRB15CT-M3 Click to download

File Size   226.72 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 7.5 A

VS-MBRB15CT-M3 Datasheet (HTML) - Vishay Siliconix


VS-MBRB15CT-M3 Product details

FEATURES
• 150 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 245 °C
• Designed and qualified according to JEDEC®-JESD 47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
The VS-MBR(B)15... center tap Schottky rectifier has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 150 °C junction temperature. Typical applications are
in switching power supplies, converters, freewheeling
diodes, and reverse battery protection.




Similar Part No. - VS-MBRB15CT-M3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBRB15CT-M3 VISHAY-VS-MBRB15CT-M3 Datasheet
191Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
15-Aug-15
More results


Similar Description - VS-MBRB15CT-M3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 7.5 A
22-Aug-08
VS-MBRB15CT-M3 VISHAY-VS-MBRB15CT-M3 Datasheet
191Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
15-Aug-15
VS-MBRB15CTPBF VISHAY-VS-MBRB15CTPBF Datasheet
163Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
18-Oct-16
VS-15CTQS-M3 VISHAY-VS-15CTQS-M3 Datasheet
197Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
25-Feb-14
VS-15CTQSPBF VISHAY-VS-15CTQSPBF Datasheet
179Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
23-May-14
VS-15CTQ035-M3 VISHAY-VS-15CTQ035-M3 Datasheet
174Kb / 7P
High Performance Schottky Rectifier, 2 x 7.5 A
17-Aug-17
VS-MBR1535CT-M3 VISHAY-VS-MBR1535CT-M3_V01 Datasheet
169Kb / 7P
High Performance Schottky Rectifier, 2 x 7.5 A
22-Dec-2021
VS-15CTQ035-M VISHAY-VS-15CTQ035-M_V01 Datasheet
177Kb / 7P
High Performance Schottky Rectifier, 2 x 7.5 A
22-Dec-2021
VS-15CTQS-M3 VISHAY-VS-15CTQS-M3_V01 Datasheet
229Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
21-Dec-2021
VS-15CTQSPBF VISHAY-VS-15CTQSPBF_V01 Datasheet
153Kb / 8P
High Performance Schottky Rectifier, 2 x 7.5 A
23-May-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com