Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS208 Datasheet (PDF) - Vishay Siliconix

VSKCS208 Datasheet PDF - Vishay Siliconix
Part # VSKCS208
Download  VSKCS208 Download
File Size   174.87 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 200 A

VSKCS208 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKCS208 Datasheet PDF - Vishay Siliconix

Part # VSKCS208
Download  VSKCS208 Click to download

File Size   174.87 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 200 A

VSKCS208 Datasheet (HTML) - Vishay Siliconix


VSKCS208 Product details

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL pending
• Totally lead (Pb)-free, RoHS compliant
• Designed and qualified for industrial level

DESCRIPTION
The VSKCS208.. Schottky rectifier common cathode has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling diodes, welding, and reverse battery
protection.




Similar Part No. - VSKCS208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS201 VISHAY-VSKCS201 Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
23-Apr-08
VSKCS201-045 VISHAY-VSKCS201-045 Datasheet
176Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
18-May-10
VSKCS201/045P VISHAY-VSKCS201/045P Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
23-Apr-08
VSKCS201 VISHAY-VSKCS201_10 Datasheet
176Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
18-May-10
VSKCS203-100 VISHAY-VSKCS203-100 Datasheet
188Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
07-Apr-10
More results


Similar Description - VSKCS208

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
116Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
201CNQ045PBF VISHAY-201CNQ045PBF Datasheet
110Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
209CNQ135PBF VISHAY-209CNQ135PBF Datasheet
117Kb / 6P
Schottky Rectifier, 200 A
28-Apr-08
VSKCS209 VISHAY-VSKCS209 Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
23-Apr-08
VSKDS401 VISHAY-VSKDS401 Datasheet
115Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS403 VISHAY-VSKDS403 Datasheet
115Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS408 VISHAY-VSKDS408 Datasheet
158Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
VSKDS409 VISHAY-VSKDS409 Datasheet
159Kb / 6P
Schottky Rectifier, 200 A
25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
127Kb / 7P
Schottky Rectifier, 200 A
28-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com