Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1101 Datasheet (PDF) - ADL Embedded Solutions

ALD1101 Datasheet PDF - ADL Embedded Solutions
Part # ALD1101
Download  ALD1101 Download
File Size   66.45 Kbytes
Page   7 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description DUAL N-CHANNEL MATCHED MOSFET PAIR

ALD1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1101 Datasheet PDF - ADL Embedded Solutions

Part # ALD1101
Download  ALD1101 Click to download

File Size   66.45 Kbytes
Page   7 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description DUAL N-CHANNEL MATCHED MOSFET PAIR

ALD1101 Datasheet (HTML) - ADL Embedded Solutions


ALD1101 Product details

GENERAL DESCRIPTION
The ALD1101 is a monolithic dual N-channel matched transistor pair
intended for a broad range of analog applications. These enhancementmode
transistors are manufactured with Advanced Linear Devices'
enhanced ACMOS silicon gate CMOS process.
The ALD1101 offers high input impedance and negative current temperature
coefficient. The transistor pair is matched for minimum offset voltage
and differential thermal response, and it is designed for switching and
amplifying applications in +2V to +10V systems where low input bias
current, low input capacitance and fast switching speed are desired.
Since these are MOSFET devices, they feature very large (almost infinite)
current gain in a low frequency, or near DC, operating environment.
When used with an ALD1102, a dual CMOS analog switch can be
constructed. In addition, the ALD1101 is intended as a building block for
differential amplifier input stages, transmission gates, and multiplexer
applications.
The ALD1101 is suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the Field Effect
Transistors result in extremely low current loss through the control gate.
The DC current gain is limited by the gate input leakage current, which is
specified at 50pA at room temperature. For example, DC beta of the
device at a drain current of 5mA at 25°C is = 5mA/50pA = 100,000,000.

FEATURES
• Low threshold voltage of 0.7V
• Low input capacitance
• Low Vos grades -- 2mV, 5mV, 10mV
• High input impedance -- 1012Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• RoHS compliant

APPLICATIONS
• Precision current mirrors
• Precision current sources
• Analog switches
• Choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog inverter




Similar Part No. - ALD1101

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1101 ALD-ALD1101 Datasheet
29Kb / 4P
DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
ALD1101 ALD-ALD1101 Datasheet
60Kb / 6P
DUAL N-CHANNEL MATCHED MOSFET PAIR
ALD1101A ALD-ALD1101A Datasheet
29Kb / 4P
DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
ALD1101APA ALD-ALD1101APA Datasheet
29Kb / 4P
DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
ALD1101APAL ALD-ALD1101APAL Datasheet
60Kb / 6P
DUAL N-CHANNEL MATCHED MOSFET PAIR
More results


Similar Description - ALD1101

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1101 ALD-ALD1101 Datasheet
29Kb / 4P
DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1101A ALD-ALD1101A_12 Datasheet
60Kb / 6P
DUAL N-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1105 ADL-ALD1105 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com