Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1115 Datasheet (PDF) - ADL Embedded Solutions

ALD1115 Datasheet PDF - ADL Embedded Solutions
Part # ALD1115
Download  ALD1115 Download
File Size   70.62 Kbytes
Page   8 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET

ALD1115 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1115 Datasheet PDF - ADL Embedded Solutions

Part # ALD1115
Download  ALD1115 Click to download

File Size   70.62 Kbytes
Page   8 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET

ALD1115 Datasheet (HTML) - ADL Embedded Solutions


ALD1115 Product details

GENERAL DESCRIPTION
The ALD1115 is a monolithic complementary N-channel and P-channel
transistor pair intended for a broad range of analog applications. These
enhancement-mode transistors are manufactured with Advanced Linear
Devices' enhanced ACMOS silicon gate CMOS process. It consists of a
N-channel MOSFET and a P-channel MOSFET in one package. The
ALD1115 is a dual version of the quad complementary ALD1105.
The ALD1115 offers high input impedance and negative current temperature
coefficient. The transistor pair is designed for precision signal
switching and amplifying applications in +1V to +10V systems where low
input bias current, low input capacitance and fast switching speed are
desired. Since these are MOSFET devices, they feature very large
(almost infinite) current gain in a low frequency, or near DC, operating
environment. When connected in parallel with sources, drains and gates
connected together, a CMOS analog switch can be constructed. In
addition, the ALD1115 is intended as a building block for CMOS inverters,
differential amplifier input stages, transmission gates, and multiplexer
applications.
The ALD1115 is suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the Field Effect
Transistors result in extremely low current loss through the control gate.
The DC current gain is limited by the gate input leakage current, which is
specified at 100pA at room temperature. V+ is connected to the substrate,
which is the most positive voltage potential of the ALD1115, usually SP
(5). Similarly, V- is connected to the most negative voltage potential of the
ALD1115, usually SN (1).

FEATURES
• Thermal tracking between N-channel and P-channel
• Low threshold voltage of 0.7V for both N-channel and
P-channel MOSFETs
• Low input capacitance
• High input impedance -- 1013Ω typical
• Low input and output leakage currents
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Single N-channel MOSFET and single P-channel
MOSFET in one package

APPLICATIONS
• Precision current mirrors
• Complementary push-pull linear drives
• Discrete analog switches
• Analog signal choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog current inverter
• Precision matched current sources
• CMOS inverter stage
• Diode clamps
• Source followers




Similar Part No. - ALD1115

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115DA ALD-ALD1115DA Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115MAL ALD-ALD1115MAL Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115PA ALD-ALD1115PA Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115PAL ALD-ALD1115PAL Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
More results


Similar Description - ALD1115

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY Datasheet
277Kb / 15P
Complementary (N- and P-Channel) MOSFET
14-Feb-11
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115_11 Datasheet
85Kb / 8P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
Complementary (N- and P-Channel) MOSFET
logo
Will Semiconductor Ltd.
WCM2068 WILLSEMI-WCM2068 Datasheet
1Mb / 11P
N- and P-Channel Complementary, 20V,MOSFET
WCM4616 WILLSEMI-WCM4616 Datasheet
2Mb / 9P
N- and P-Channel Complementary, 20V,MOSFET
logo
Yangzhou yangjie electr...
YJQC602B YANGJIE-YJQC602B Datasheet
1Mb / 9P
N-Channel and P-Channel Complementary Power MOSFET
YJS4606A YANGJIE-YJS4606A Datasheet
688Kb / 9P
N-Channel and P-Channel Complementary Power MOSFET
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
Complementary (N- and P-Channel) MOSFET
18-May-09
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
Complementary (N- and P-Channel) MOSFET
14-Feb-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com