Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1502 Datasheet (PDF) - ADL Embedded Solutions

ALD1502 Datasheet PDF - ADL Embedded Solutions
Part # ALD1502
Download  ALD1502 Download
File Size   82.17 Kbytes
Page   10 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER

ALD1502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1502 Datasheet PDF - ADL Embedded Solutions

Part # ALD1502
Download  ALD1502 Click to download

File Size   82.17 Kbytes
Page   10 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER

ALD1502 Datasheet (HTML) - ADL Embedded Solutions


ALD1502 Product details

GENERAL DESCRIPTION
The ALD1502/ALD2502 timers are high performance single/dual monolithic
timing circuits built with advanced silicon gate CMOS technology.
They offer the benefits of high input impedance, thereby allowing
smaller timing capacitors and a longer timing cycle; high speed, with
typical cycle time of 400ns; low power dissipation for battery operated
environment; reduced supply current spikes, allowing smaller and
lower cost decoupling capacitors.
Each timer is capable of producing accurate time delays and oscillations
in both monostable and astable operation, and operates in the
one-shot (monostable) mode or 50% duty cycle free running oscillation
mode with a single resistor and one capacitor. The inputs and outputs
are fully compatible with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200KΩ
each) that set the threshold and trigger levels at two-thirds and one-third
respectively of V+. These levels can be adjusted by using the control
terminal. When the trigger input is below the trigger level, the output is
in the high state and sourcing 2mA. When the threshold input is above
the threshold level at the same time the trigger input is above the trigger
level, the internal flip-flop is reset, the output goes to the low state and
sinks up to 10mA. The reset input overrides all other inputs and when
it is active (reset voltage less than 1V), the output is in the low state.

FEATURES
• High speed operation -- 2.5MHz typical oscillation at 5V
• High discharge sinking current of 80mA at 5V
• Guaranteed low operating supply voltage of 2V to 12V
• Functional equivalent to and same pin-out as NE555/NE556
with greatly expanded high and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current: 50µA typical for ALD1502
and100µA typical for ALD2502
• Extremely low trigger, threshold and reset currents: 10pA typical
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output

APPLICATIONS
• High speed one-shot (monostable)
pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position
modulation
• Missing pulse detector
• Frequency divider
• Synchronized timer
• Low supply current spikes




Similar Part No. - ALD1502

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502 ALD-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502 ALD-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
ALD1502DA ALD-ALD1502DA Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502PA ALD-ALD1502PA Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
More results


Similar Description - ALD1502

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SCT1555 ZETEX-SCT1555 Datasheet
398Kb / 10P
PRECISION SINGLE CELL TIMER
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
Micropower, Dual, Single Supply Precision Op Amp
logo
Zetex Semiconductors
ZSCT1555 ZETEX-ZSCT1555_06 Datasheet
299Kb / 11P
PRECISION SINGLE CELL TIMER
logo
Diodes Incorporated
ZSCT1555 DIODES-ZSCT1555 Datasheet
305Kb / 11P
PRECISION SINGLE CELL TIMER
JULY 2006
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD1502SAL ALD-ALD1502SAL Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
Micropower, Dual, Single-Supply Precision Op Amp
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502_V01 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com