Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1712 Datasheet (PDF) - ADL Embedded Solutions

ALD1712 Datasheet PDF - ADL Embedded Solutions
Part # ALD1712
Download  ALD1712 Download
File Size   85.76 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER

ALD1712 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1712 Datasheet PDF - ADL Embedded Solutions

Part # ALD1712
Download  ALD1712 Click to download

File Size   85.76 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER

ALD1712 Datasheet (HTML) - ADL Embedded Solutions


ALD1712 Product details

GENERAL DESCRIPTION
The ALD1712A/ALD1712B/ALD1712 is a monolithic precision operational
amplifier intended primarily for a wide range of analog applications
in +5V single power supply and ±5V dual power supply systems as well
as +5V to +10V battery operated systems. All device characteristics are
specified for +5V single supply or ±2.5V dual supply systems. It is
manufactured with Advanced Linear Devices' enhanced ACMOS silicon
gate CMOS process and is available as a standard cell in ALD's ASIC
"Function-Specific" library.
The ALD1712A/ALD1712B/ALD1712 has an input stage that operates to
+300mV above and -300mV below the supply voltages with no adverse
effects and/or phase reversals. It has been developed specifically with
the 5V single supply or ±2.5V dual supply user in mind.
Several important characteristics of the device make many applications
easy to implement for these supply voltages. First, the operational
amplifier can operate with rail-to-rail input and output voltages. This
feature allows numerous analog serial stages to be implemented without
losing operating voltage margin. Second, the device was designed to
accommodate mixed applications where digital and analog circuits may
work off the same 5V power supply. Third, the output stage can drive up
to 400pF capacitive, and 1KΩ resistive loads in non-inverting unity gain
connection, and up to 4000pF at a gain of 5. These features, coupled with
extremely low input currents, high voltage gain, useful bandwidth of
1.5MHz, slew rate of 2.1V/μs, low power dissipation, low offset voltage
and temperature drift, make the ALD1712A/ALD1712B/ALD1712 a truly
versatile, user friendly, operational amplifier.
On-chip offset voltage trimming allows the device to be used without
nulling in most applications. The device offers typical offset drift of less
than 5μV/°C which eliminates many trim or temperature compensation
circuits. For precision applications, the ALD1712A/ALD1712B/ALD1712
is designed to settle to 0.01% in 8μs. The unique characteristics at input
and output are modeled in an available macromodel. Additionally, robust
design and rigorous screening make this device especially suitable for
operation in temperature-extreme environments and rugged conditions.

FEATURES
• Linear mode operation with input voltages
300mV beyond supply rails
• Symmetrical complementary output drive
• Output voltages to within 2mV of power
supply rails
• High load capacitance capability --
4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
0.01pA typical
• Dual power supply ±2.5V to ±5.0V
• Single power supply +5V to +10V
• High voltage gain – typically 85V/mV
@ ±2.5V and 250V/mV @ ±5.0V
• Drive as low as 1KΩ load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 2.1V/μs
• Suitable for rugged, temperature-extreme
environments

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver




Similar Part No. - ALD1712

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A Datasheet
47Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Similar Description - ALD1712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
High Precision Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507_08 Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com