Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD500R Datasheet (PDF) - ADL Embedded Solutions

ALD500R Datasheet PDF - ADL Embedded Solutions
Part # ALD500R
Download  ALD500R Download
File Size   75.16 Kbytes
Page   12 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs

ALD500R Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD500R Datasheet PDF - ADL Embedded Solutions

Part # ALD500R
Download  ALD500R Click to download

File Size   75.16 Kbytes
Page   12 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs

ALD500R Datasheet (HTML) - ADL Embedded Solutions


ALD500R Product details

APPLICATIONS
• 4 1/2 digits to 5 1/2 digits plus sign measurements
• Precision analog signal processor
• Precision sensor interface
• High accuracy DC measurement functions
• Portable battery operated instruments
• Computer peripheral
• PCMCIA

FEATURES
• Resolution up to 18 bits plus sign bit and over-range bit
• Accuracy independent of input source impedances
• Accurate on-chip voltage reference
• Tempco as low as 10 ppm/°C guaranteed
• Chip select - power down mode
• High input impedance of 1012 W
• Inherently filters and integrates any external noise spikes
• Differential analog input
• Wide bipolar analog input voltage range ±3.5V
• Automatic zero offset compensation
• Low linearity error - as low as 0.001% typical
• Fast zero-crossing comparator - 1ms
• Low power dissipation - 6mW typical
• Automatic internal polarity detection
• Low input current - 2pA typical
• Optional digital control from a microcontroller, an ASIC, or
a dedicated digital circuit
• Flexible conversion speed vs. resolution trade-off

BENEFITS
• Low cost, simple functionality
• Wide dynamic signal range
• Very high noise immunity
• Automatic compensation and cancellation
of error sources
• Easy to use to acquire bipolar signals
• Up to 19 bit (18 bit + sign bit) single conversion
or 21 bit (20 bit + sign bit) multiple conversion
and noise performance
• Inherently linear and stable with temperature
and component variations




Similar Part No. - ALD500R

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD500R ALD-ALD500R Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
ALD500R-50PE ALD-ALD500R-50PE Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
ALD500R-50QE ALD-ALD500R-50QE Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
ALD500R-50SE ALD-ALD500R-50SE Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
ALD500RA ALD-ALD500RA Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
More results


Similar Description - ALD500R

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
ALD500RAU ALD-ALD500RAU Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
Precision Analog Voltage References
August, 2009 ??Rev. 1
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com