Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102045 Datasheet (PDF) - PHOENIX CONTACT

102045 Datasheet PDF - PHOENIX CONTACT
Part # 102045
Download  102045 Download
File Size   252.78 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Primary-Switched Power Supply for Supplying AS-Interface Systems

102045 Datasheet (PDF)

Go To PDF Page Download Datasheet
102045 Datasheet PDF - PHOENIX CONTACT

Part # 102045
Download  102045 Click to download

File Size   252.78 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Primary-Switched Power Supply for Supplying AS-Interface Systems

102045 Datasheet (HTML) - PHOENIX CONTACT


102045 Product details

Short Description
One Cable – Two Functions
AS-Interface (AS-i) enables maximum control
potential with its simplified installation technique.
Information and power supply are transmitted at the
same time via a two-wire cable to minimize connection
points.
AS-i power supply units use an integrated filter to
ensure that the modulated data flow is not affected.
In addition to this, the short-circuit and idling-proof
voltage output provides a current reserve of
approximately 60%. This means that even loads with
high inrush currents can be started safely.
Safety Through Automatic Ground Fault Detection
If two ground faults occur in an AS-i system, this can
cause an unauthorized machine startup or mean that
the machine can no longer be stopped.
To prevent this from happening, AS-i power supply
units from Phoenix Contact indicate the first ground
fault as it occurs. The message is indicated by the
LEDs on the device and reported via an output.
In the default configuration, the signal of the message
output can be used to stop the system via the control
program or the PLC.
There is also the option of configuring the AS-i power
supply unit so that the AS-i power is switched off
automatically when a ground fault is detected.
This prevents potential danger to operating personnel
and machines/systems before it happens.




Similar Part No. - 102045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10204 ETC2-10204 Datasheet
1Mb / 14P
Avago Aveon20mm range
10204 ETC2-10204 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10204 HEYCO-10204 Datasheet
122Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Weidmuller
1020400000 WEIDMULLER-1020400000 Datasheet
629Kb / 13P
Feed-through terminal, Screw connection, 16mm짼
October 2, 2021
logo
PHOENIX CONTACT
102044 PHOENIX-102044 Datasheet
236Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
More results


Similar Description - 102045

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLA8.100 PULS-SLA8.100 Datasheet
252Kb / 4P
AS-Interface Power Supply
SLA4.100 PULS-SLA4.100 Datasheet
237Kb / 4P
AS-Interface Power Supply
SLA3.100 PULS-SLA3.100 Datasheet
363Kb / 4P
AS-Interface Power Supply
logo
PHOENIX CONTACT
102051 PHOENIX-102051 Datasheet
265Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
102053 PHOENIX-102053 Datasheet
251Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
103986 PHOENIX-103986 Datasheet
362Kb / 11P
Primary-switched power supply for building automation
07/2009
102044 PHOENIX-102044 Datasheet
236Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
logo
Pepperl+Fuchs Inc.
VAN-24DC-K28 PF-VAN-24DC-K28 Datasheet
307Kb / 3P
AS-Interface power supply
2019-08-21
VAN-G4-PE-4A PF-VAN-G4-PE-4A Datasheet
250Kb / 2P
AS-Interface power supply
2019-08-23
VAN-KE2-2PE PF-VAN-KE2-2PE Datasheet
220Kb / 2P
AS-Interface power supply
2019-08-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com