Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV850 Datasheet (PDF) - Supertex, Inc

HV850 Datasheet PDF - Supertex, Inc
Part # HV850
Download  HV850 Download
File Size   248.73 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Low Noise Inductorless EL Lamp Driver

HV850 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV850 Datasheet PDF - Supertex, Inc

Part # HV850
Download  HV850 Click to download

File Size   248.73 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Low Noise Inductorless EL Lamp Driver

HV850 Datasheet (HTML) - Supertex, Inc


HV850 Product details

General Description
Supertex HV850 is a high voltage electroluminescent (EL) Lamp Driver IC. It is designed to drive EL lamps of up to 2.0in2, with capacitive values up to 4.5nF. HV850 converts a low voltage DC input to a high voltage AC output across an EL lamp. It uses a charge pump scheme to boost the input voltage eliminating the need for an external inductor, diode, and high voltage capacitor commonly found in conventional topologies.

Features
❐ No external components required when using an external EL clock frequency
❐ EL frequency can be set by an external resistor
❐ Low Noise
❐ DC to AC converter
❐ Drives up to 4.5nF load (approx. 2.02 inches)
❐ Output voltage regulation
❐ Enable function

Applications
❐ Cell phone keypads and displays
❐ Transceivers
❐ MP3 Players
❐ Watches
❐ Pagers
❐ Measuring instruments/gauges




Similar Part No. - HV850

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850 SUTEX-HV850 Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Similar Description - HV850

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
High Voltage,Low Noise,Inductorless EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com