Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMYS2D2N06CL Datasheet (PDF) - ON Semiconductor

NVMYS2D2N06CL Datasheet PDF - ON Semiconductor
Part # NVMYS2D2N06CL
Download  NVMYS2D2N06CL Download
File Size   346.02 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A

NVMYS2D2N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMYS2D2N06CL Datasheet PDF - ON Semiconductor

Part # NVMYS2D2N06CL
Download  NVMYS2D2N06CL Click to download

File Size   346.02 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A

NVMYS2D2N06CL Datasheet (HTML) - ON Semiconductor


NVMYS2D2N06CL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK4 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMYS2D2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS2D1N04CL ONSEMI-NVMYS2D1N04CL Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.5 m, 132 A
June, 2019 ??Rev. 0
NVMYS2D1N04CLTWG ONSEMI-NVMYS2D1N04CLTWG Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.5 m, 132 A
June, 2019 ??Rev. 0
NVMYS2D4N04C ONSEMI-NVMYS2D4N04C Datasheet
279Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.3 m, 138 A
July, 2019 ??Rev. 0
NVMYS2D4N04CTWG ONSEMI-NVMYS2D4N04CTWG Datasheet
279Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.3 m, 138 A
July, 2019 ??Rev. 0
NVMYS2D9N04CL ONSEMI-NVMYS2D9N04CL Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.8 m, 110 A
July, 2019 ??Rev. 1
More results


Similar Description - NVMYS2D2N06CL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
logo
ON Semiconductor
NVBGS4D1N15MC ONSEMI-NVBGS4D1N15MC Datasheet
233Kb / 7P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTMT185N60S5H ONSEMI-NTMT185N60S5H Datasheet
397Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FAST, Power88 600 V, 185 m, 15 A
December,2021-Rev. 4
NTMTSC002N10MC ONSEMI-NTMTSC002N10MC Datasheet
273Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1
NTP185N60S5H ONSEMI-NTP185N60S5H Datasheet
220Kb / 9P
MOSFET - Power, Single N-Channel, SUPERFET V, FAST, TO220 600 V, 185 m, 15 A
August, 2021-Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMJS1D7N04C ONSEMI-NVMJS1D7N04C Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A
July, 2019 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS1D6N04CL ONSEMI-NVMYS1D6N04CL Datasheet
235Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.6 m, 185 A
September, 2021 ??Rev.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com