Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD210804 Datasheet (PDF) - Advanced Linear Devices

ALD210804 Datasheet PDF - Advanced Linear Devices
Part # ALD210804
Download  ALD210804 Download
File Size   519.56 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR

ALD210804 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD210804 Datasheet PDF - Advanced Linear Devices

Part # ALD210804
Download  ALD210804 Click to download

File Size   519.56 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR

ALD210804 Datasheet (HTML) - Advanced Linear Devices


ALD210804 Product details

GENERAL DESCRIPTION
The ALD210804 precision enhancement mode N-Channel EPAD® MOSFET
array is precision matched at the factory using ALD’s proven EPAD® CMOS
technology. These quad monolithic devices are enhanced additions to the
ALD110804 EPAD® MOSFET Family, with increased forward transconductance
and output conductance, particularly at very low supply voltages.
Intended for low voltage, low power small signal applications, the ALD210804
features precision threshold voltage, which enables circuit designs with input/
output signals referenced to GND at enhanced operating voltage ranges. With
these devices, a circuit with multiple cascading stages can be built to operate at
extremely low supply/bias voltage levels. For example, a nanopower input amplifier
stage operating at less than 0.2V supply voltage has been successfully
built with these devices.
ALD210804 EPAD MOSFETs feature exceptional matched pair electrical characteristics
of Gate Threshold Voltage VGS(th) set precisely at +0.40V +0.020V,
IDS = +10μA @ VDS = 0.10V, with a typical offset voltage of only +0.002V (2mV).
Built on a single monolithic chip, they also exhibit excellent temperature tracking
characteristics. These precision devices are versatile as design components
for a broad range of analog small signal applications such as basic building
blocks for current mirrors, matching circuits, current sources, differential amplifier
input stages, transmission gates, and multiplexers. They also excel in limited
operating voltage applications, such as very low level voltage-clamps and
nano-power normally-on circuits.
In addition to precision matched-pair electrical characteristics, each individual
EPAD MOSFET also exhibits well controlled manufacturing characteristics, enabling
the user to depend on tight design limits from different production batches.
These devices are built for minimum offset voltage and differential thermal response,
and they can be used for switching and amplifying applications in +0.1V
to +10V (+0.05V to +5V) powered systems where low input bias current, low
input capacitance, and fast switching speed are desired. At VGS > +0.40V, the
device exhibits enhancement mode characteristics whereas at VGS < +0.40V
the device operates in the subthreshold voltage region and exhibits conventional
sub threshold characteristics, with well controlled turn-off and sub-threshold
levels that operate the same as standard enhancement mode MOSFETs.
The ALD210804 features high input impedance (2.5 x 1010Ω) and high DC current
gain (>108). A sample calculation of the DC current gain at a drain output
current of 30mA and input current of 300pA at 25°C is 30mA/300pA =
100,000,000, which translates into a dynamic operating current range of about
eight orders of magnitude. A series of four graphs titled “Forward Transfer Characteristics”,
with the 2nd and 3rd sub-titled “expanded (subthreshold)” and “further
expanded (subthreshold)”, and the 4th sub-titled “low voltage”, illustrates
the wide dynamic operating range of these devices.
Generally it is recommended that the V+ pin be connected to the most positive
voltage and the V- and IC (internally-connected) pins to the most negative voltage
in the system. All other pins must have voltages within these voltage limits
at all times. Standard ESD protection facilities and handling procedures for static
sensitive devices are highly recommended when using these devices.

FEATURES & BENEFITS
• Precision VGS(th) = +0.40V +0.020V
• VOS (VGS(th) match) to 10mV max.
• Sub-threshold voltage (nano-power) operation
• < 400mV min. operating voltage
• < 1nA min. operating current
• < 1nW min. operating power
• > 100,000,000:1 operating current ranges
• High transconductance and output conductance
• Low RDS(ON) of 25Ω
• Output current > 50mA
• Matched and tracked tempco
• Tight lot-to-lot parametric control
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance and leakage currents

APPLICATIONS
• Low overhead current mirrors and current sources
• Zero Power Normally-On circuits
• Energy harvesting detectors
• Very low voltage analog and digital circuits
• Zero power fail-safe circuits
• Backup battery circuits & power failure detector
• Extremely low level voltage-clamps
• Extremely low level zero-crossing detectors
• Matched source followers and buffers
• Precision current mirrors and current sources
• Matched capacitive probes and sensor interfaces
• Charge detectors and charge integrators
• High gain differential amplifier input stage
• Matched peak-detectors and level-shifters
• Multiple Channel Sample-and-Hold switches
• Precision Current multipliers
• Discrete matched analog switches/multiplexers
• Nanopower discrete voltage comparators




Similar Part No. - ALD210804

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210804PCL ALD-ALD210804PCL Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210804SCL ALD-ALD210804SCL Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
More results


Similar Description - ALD210804

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210802 ALD-ALD210802 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210802 ALD-ALD210802_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD210808 ALD-ALD210808_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
ALD212902 ALD-ALD212902_V01 Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212904 ALD-ALD212904_V01 Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212908A ALD-ALD212908A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE MATCHED PAIR
2017
ALD310702A ALD-ALD310702A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310704A ALD-ALD310704A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com