Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4702B Datasheet (PDF) - Advanced Linear Devices

ALD4702B Datasheet PDF - Advanced Linear Devices
Part # ALD4702B
Download  ALD4702B Download
File Size   86.39 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER

ALD4702B Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD4702B Datasheet PDF - Advanced Linear Devices

Part # ALD4702B
Download  ALD4702B Click to download

File Size   86.39 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER

ALD4702B Datasheet (HTML) - Advanced Linear Devices


ALD4702B Product details

GENERAL DESCRIPTION
The ALD4702A/ALD4702B/ALD4702 is a quad monolithic precision
CMOS rail-to-rail operational amplifier intended for a broad range of
analog applications using ±2.5V to ±5V dual power supply systems, as
well as +4V to +10V battery operated systems. All device characteristics
are specified for +5V single supply or ±2.5V dual supply systems. Total
supply current for four operational amplifiers is 6mA maximum at 5V
supply voltage. It is manufactured with Advanced Linear Devices'
enhanced ACMOS silicon gate CMOS process.
The ALD4702A/ALD4702B/ALD4702 is designed to offer a trade-off of
performance parameters providing a wide range of desired
specifications. It has been developed specifically with the +5V single
supply or ±2.5V dual supply user andoffers the popular industry pin
configuration of LM324 and ICL7641 types.
Several important characteristics of the device make many applications
easy to implement for these supply voltages. First, the operational
amplifier can operate with rail to rail input and output voltages. This
feature allows numerous analog serial stages to be implemented
without losing operating voltage margin. Second, the device was
designed to accommodate mixed applications where digital and
analog circuits may work off the same 5V power supply. Third, the
output stage can drive up to 400pF capacitive and 5KΩ resistive loads
in non-inverting unity gain connection and double the capacitance in
the inverting unity gain mode.
These features, coupled with extremely low input currents, high
voltage gain, useful bandwidth of 1.5MHz, a slew rate of 2.1V/μs, low
power dissipation, low offset voltage and temperature drift, make the
ALD4702A/ALD4702B/ALD4702 a truly versatile, user friendly,
operational amplifier.
The ALD4702A/ALD4702B/ALD4702 is designed and fabricated with
silicon gate CMOS technology, and offers 1pA typical input bias
current. On-chip offset voltage trimming allows the device to be used
without nulling in most applications. The device offers typical offset
drift of less than 7μV/°C which eliminates many trim or temperature
compensation circuits. For precision applications, the ALD4702A/
ALD4702B/ALD4702 is designed to settle to 0.01% in 8μs. Additionally,
robust design and rigorous screening make this device especially
suitable for operation in temperature-extreme environments and rugged
conditions.

FEATURES
• Rail-to-rail input and output voltage ranges
• Symmetrical push-pull class AB output drivers
• All parameters specified for +5V single supply
or ±2.5V dual supply systems
• Inputs can extend beyond supply rails by 300mV
• Outputs settle to 2mV of supply rails
• High load capacitance capability up to 4000pF
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical
• Ideal for high source impedance applications
• Dual power supply ±2.5V to ±5.0V operation
• Single power supply +5V to +10V operation
• High voltage gain-typically 85V/mV @ ±2.5V
and 250V/mV @ ±5.0V
• Drive as low as 2KΩ load with 5mA drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 1.9V/μs
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage convert
• Coaxial cable driver




Similar Part No. - ALD4702B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4702B ALD-ALD4702B Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702B ALD-ALD4702B Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702BDB ALD-ALD4702BDB Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702BPBL ALD-ALD4702BPBL Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702BSBL ALD-ALD4702BSBL Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Similar Description - ALD4702B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
Quad Rail-to-Rail I/O Precision Operational Amplifier
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com