Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD810026 Datasheet (PDF) - Advanced Linear Devices

ALD810026 Datasheet PDF - Advanced Linear Devices
Part # ALD810026
Download  ALD810026 Download
File Size   449.55 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY

ALD810026 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD810026 Datasheet PDF - Advanced Linear Devices

Part # ALD810026
Download  ALD810026 Click to download

File Size   449.55 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY

ALD810026 Datasheet (HTML) - Advanced Linear Devices


ALD810026 Product details

GENERAL DESCRIPTION
The ALD810026/ALD910026 are members of the ALD8100xx
(quad) and ALD9100xx (dual) family of Supercapacitor Auto Balancing
MOSFETs, or SAB™ MOSFETs. SAB MOSFETs are built
with production proven EPAD® technology and are designed to address
voltage and leakage-current balancing of supercapacitors
connected in series. Supercapacitors, also known as ultracapacitors
or supercaps, connected in series can be leakage-current balanced
by using a combination of one or more devices connected across
each supercapacitor stack to prevent over-voltages.
The ALD810026 offers a set of unique, precise operating voltage
and current characteristics for each of four SAB MOSFET devices,
as shown in its Operating Electrical Characteristics table. It can be
used to balance up to four supercapacitors connected in series.
The ALD910026 has its own set of unique precision Operating Electrical
Characteristics for each of its two SAB MOSFET devices,
suitable for up to two series-connected supercapacitors.
Each SAB MOSFET features a precision gate threshold voltage in
the Vt mode, which is 2.60V when the gate-drain source terminals
(VGS = VDS) are connected together at a drain-source current of
IDS(ON) = 1μA. In this mode, input voltage VIN = VGS = VDS. Different
VIN produces an Output Current IOUT = IDS(ON) characteristic
and results in an effective variable resistor that varies in value
exponentially with VIN. This VIN, when connected across each
supercapacitor in a series, balances each supercapacitor to within
its voltage and current limits.
When VIN = 2.60V is applied to an ALD810026/ALD910026, its
IOUT is 1μA. For a 100mV increase in VIN, to 2.70V, IOUT increases
by about tenfold. For an additional increase in VIN to 2.82V for the
ALD910026 (2.84V for the ALD810026), IOUT increases one hundredfold,
to 100μA. Conversely, for a 100mV decrease in VIN to
2.50V, IOUT decreases to one tenth of its previous value, to 0.1μA.
Another 100mV decrease in input voltage would reduce IOUT to
0.01μA. Hence, when an ALD810026/ALD910026 SAB MOSFET
is connected across a supercapacitor that charges to less than
2.40V, it would dissipate essentially no power.
(Continued on next page)

FEATURES & BENEFITS
• Simple and economical to use
• Precision factory trimmed
• Automatically regulates and balances leakage currents
• Effective for supercapacitor charge-balancing
• Balances up to 4 supercaps with a single IC package
• Balances 2-cell, 3-cell, 4-cell series-connected supercaps
• Scalable to larger supercap stacks and arrays
• Near zero additional leakage currents
• Zero leakage at 0.3V below rated voltages
• Balances series and/or parallel-connected supercaps
• Leakage currents are exponential function of cell voltages
• Active current ranges from <0.3nA to >1000μA
• Always active, always fast response time
• Minimizes leakage currents and power dissipation

VAPPLICATIONS
• Series-connected supercapacitor cell leakage balancing
• Energy harvesting
• Long term backup battery with supercapacitor outputs
• Zero-power voltage divider at selected voltages
• Matched current mirrors and current sources
• Zero-power mode maximum voltage limiter
• Scaled supercapacitor stacks and arrays




Similar Part No. - ALD810026

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810026 ALD-ALD810026 Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810026 ALD-ALD810026 Datasheet
550Kb / 17P
SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
ALD810026SCL ALD-ALD810026SCL Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810026SCLI ALD-ALD810026SCLI Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results


Similar Description - ALD810026

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com