Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2711ADA Datasheet (PDF) - Advanced Linear Devices

ALD2711ADA Datasheet PDF - Advanced Linear Devices
Part # ALD2711ADA
Download  ALD2711ADA Download
File Size   481.01 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD2711ADA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD2711ADA Datasheet PDF - Advanced Linear Devices

Part # ALD2711ADA
Download  ALD2711ADA Click to download

File Size   481.01 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD2711ADA Datasheet (HTML) - Advanced Linear Devices


ALD2711ADA Product details

GENERAL DESCRIPTION
The ALD2711A/ALD2711B/ALD2711 is a dual monolithic CMOS
micropower precision high slew rate operational amplifier intended for
a broad range of analog applications using ±1V to ±5V dual power
supply systems, as well as +2V to +10V battery operated systems. All
device characteristics are specified for +5V single supply or ±2.5V
dual supply systems. Typical supply current is 200μA at 5V supply
voltage. It is manufactured with Advanced Linear Devices' enhanced
ACMOS silicon gate CMOS process.
The ALD2711A/ALD2711B/ALD2711 has been developed specifically
for the +5V single supply or ±1V to ±5V dual supply user and has an
input stage that operates to +300mV above and -300mV below the
supply voltages with no adverse effects and/or phase reversals.
Several important characteristics of the device make application easier
to implement at those voltages. First, each operational amplifier can
operate with rail to rail input and output voltages. This means the
signal input voltage and output voltage can be at the positive and
negative supply voltages. This feature allows numerous analog serial
stages and flexibility in input signal bias levels. Second, each device
was designed to accommodate mixed applications where digital and
analog circuits may operate off the same power supply or battery.
Third, the output stage can typically drive up to 50pF capacitive and
10KΩ resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain, high useful bandwidth, and slew rate make the
ALD2711A/ALD2711B/ALD2711 a versatile, micropower operational
amplifier.
The ALD2711A/ALD2711B/ALD2711 with on-chip offset voltage trimming
allows the device to be used without nulling in most applications.
Additionally, robust design and rigorous screening make this device
especially suitable for operation in temperature-extreme environments and
rugged conditions.
The unique characteristics of the ALD2711A/ALD2711B/ALD2711 are
modeled in an available macromodel.

FEATURES
• Designed and characterized for 5V operation
• Linear mode operation with input voltages
300mV beyond supply rails
• Output voltages to within 2mV of power supply
rails when driving a high impedance load
• Unity gain stable
• Extremely low input bias currents -- 0.01pA
• Dual power supply ±1.0V to ±5.0V
• Single power supply +2V to +10V
• High voltage gain
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/μs
• Low power dissipation
• Symmetrical complementary output drive
• Suitable for rugged, temperature-extreme
environments

APPLICATIONS
• Voltage follower/buffer/amplifier
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable
instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter




Similar Part No. - ALD2711ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2711ADA ALD-ALD2711ADA Datasheet
48Kb / 6P
DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711ADA ALD-ALD2711ADA Datasheet
85Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Similar Description - ALD2711ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com