Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-47CTQ020SPBF Datasheet (PDF) - Vishay Siliconix

VS-47CTQ020SPBF Datasheet PDF - Vishay Siliconix
Part # VS-47CTQ020SPBF_V01
Download  VS-47CTQ020SPBF Download
File Size   141.49 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 20 A

VS-47CTQ020SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-47CTQ020SPBF Datasheet PDF - Vishay Siliconix

Part # VS-47CTQ020SPBF_V01
Download  VS-47CTQ020SPBF Click to download

File Size   141.49 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 20 A

VS-47CTQ020SPBF Datasheet (HTML) - Vishay Siliconix


VS-47CTQ020SPBF Product details

FEATURES
• 150 °C TJ operation
• Center tap configuration
• Optimized for 3.3 V application
• Ultralow forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long
term reliability
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
This center tap Schottky rectifier module has been
optimized for ultralow forward voltage drop specifically for
3.3 V output power supplies. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are parallel
switching power supplies, converters, reverse battery
protection, and redundant power subsystems.




Similar Part No. - VS-47CTQ020SPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF_15 Datasheet
149Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
09-Dec-14
More results


Similar Description - VS-47CTQ020SPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40CTQ045SPBF VISHAY-VS-40CTQ045SPBF_15 Datasheet
147Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
08-Dec-14
VS-40CPQ0.0PBF VISHAY-VS-40CPQ0.0PBF Datasheet
156Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
10-Feb-14
VS-40CTQ150S-M3 VISHAY-VS-40CTQ150S-M3 Datasheet
183Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
29-Jul-14
VS-40CTQ045HN3 VISHAY-VS-40CTQ045HN3 Datasheet
151Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
28-Jul-2020
VS-40CTQ045-M3 VISHAY-VS-40CTQ045-M3 Datasheet
166Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
07-May-2020
VS-48CTQ060-M3 VISHAY-VS-48CTQ060-M3 Datasheet
163Kb / 2P
High Performance Schottky Rectifier, 2 x 20 A
07-May-2020
VS-40L15CW-N3 VISHAY-VS-40L15CW-N3 Datasheet
154Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
03-Jan-18
VS-42CTQ030-M3 VISHAY-VS-42CTQ030-M3_V01 Datasheet
172Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
22-Dec-2021
VS-42CTQ030S-M3 VISHAY-VS-42CTQ030S-M3_V01 Datasheet
227Kb / 8P
High Performance Schottky Rectifier, 2 x 20 A
21-Dec-2021
VS-43CTQ100-M3 VISHAY-VS-43CTQ100-M3_V01 Datasheet
172Kb / 7P
High Performance Schottky Rectifier, 2 x 20 A
22-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com