Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3D799 Datasheet (PDF) - Panasonic Semiconductor

MA3D799 Datasheet PDF - Panasonic Semiconductor
Part # MA3D799
Download  MA3D799 Download
File Size   42.98 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon epitaxial planar type (cathode common)

MA3D799 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA3D799 Datasheet PDF - Panasonic Semiconductor

Part # MA3D799
Download  MA3D799 Click to download

File Size   42.98 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon epitaxial planar type (cathode common)

MA3D799 Datasheet (HTML) - Panasonic Semiconductor


MA3D799 Product details

Silicon epitaxial planar type (cathode common)





For switching mode power supply





■Features

•IF(AV)=10 A rectification is possible

•Cathode-common dual type

•Low forward voltage: VF<0.47 V (at IF=5 A)

•TO-220D-A1 package




Similar Part No. - MA3D799

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D799 PANASONIC-MA3D799 Datasheet
62Kb / 3P
Silicon epitaxial planar type (cathode common)
logo
Inchange Semiconductor ...
MA3D799 ISC-MA3D799 Datasheet
276Kb / 2P
Schotty Barrier Diode
More results


Similar Description - MA3D799

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D752 PANASONIC-MA3D752 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D755 PANASONIC-MA3D755 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D756 PANASONIC-MA3D756 Datasheet
43Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D760 PANASONIC-MA3D760 Datasheet
42Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3D798 PANASONIC-MA3D798 Datasheet
40Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3S781E PANASONIC-MA3S781E Datasheet
45Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3U755 PANASONIC-MA3U755 Datasheet
39Kb / 2P
Silicon epitaxial planar type (cathode common)
MA3XD14E PANASONIC-MA3XD14E Datasheet
44Kb / 2P
Silicon epitaxial planar type (cathode common)
MA7D50 PANASONIC-MA7D50 Datasheet
66Kb / 3P
Silicon epitaxial planar type (cathode common)
MA7D56 PANASONIC-MA7D56 Datasheet
72Kb / 3P
Silicon epitaxial planar type (cathode common)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com