Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED15-120-1250 Datasheet (PDF) - CUI INC

VLED15-120-1250 Datasheet PDF - CUI INC
Part # VLED15-120-1250
Download  VLED15-120-1250 Download
File Size   281.59 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description LED DRIVER

VLED15-120-1250 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLED15-120-1250 Datasheet PDF - CUI INC

Part # VLED15-120-1250
Download  VLED15-120-1250 Click to download

File Size   281.59 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description LED DRIVER

VLED15-120-1250 Datasheet (HTML) - CUI INC


VLED15-120-1250 Product details

FEATURES
constant current
high efficiency
90~135 Vac and 176~265 Vac input range available
0.35~1.5 A output current
operates with industry standard dimmers
compact encapsulated assembly
active power factor correction
over voltage, over current, over temperature protection max.,
short circuit protection: auto recovery
high temperature operation (up to 90°C case)
UL approved, ENEC approved, CE Mark
long life > 50,000 hours




Similar Part No. - VLED15-120-1250

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-120-1250 CUI-VLED15-120-1250 Datasheet
171Kb / 5P
LED DRIVER
VLED15-120-1250 CUI-VLED15-120-1250 Datasheet
146Kb / 5P
LED DRIVER
VLED15-120-1250 CUI-VLED15-120-1250 Datasheet
157Kb / 5P
LED DRIVER
More results


Similar Description - VLED15-120-1250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com