Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSM712 Datasheet (PDF) - Rectron Semiconductor

RSM712 Datasheet PDF - Rectron Semiconductor
Part # RSM712
Download  RSM712 Download
File Size   121.1 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description Asymmetrical TVS Diode for Extended Common-Mode RS-485

RSM712 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSM712 Datasheet PDF - Rectron Semiconductor

Part # RSM712
Download  RSM712 Click to download

File Size   121.1 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description Asymmetrical TVS Diode for Extended Common-Mode RS-485

RSM712 Datasheet (HTML) - Rectron Semiconductor


RSM712 Product details

DESCRIPTION
The RSM712 transient voltage suppressor (TVS)
diode is designed for asymmetrical (12V to -7V)
protection in multi-point data transmission
standard RS-485 applications. The RSM712 may
be used to protect devices from transient
voltages resulting from electrostatic discharge
(ESD), electrical fast transients (EFT), and
lightning.
The RSM712 features 400 Watts (tp=8/20s) of
power handling capability to accommodate the
higher transient voltage levels which may be
expected in extended common mode
applications. This provides higher equipment
reliability and eliminates the “ guess work”
required when using zener diodes that are not
rated to handle such transient conditions.
The integrated design aids in reducing voltage
over-shoot associated with trace inductance. The
low clamping voltage of the RSM712 minimizes
the stress on the protected transceiver. The
SOT-23 package allows flexibility in the design of
“crowed” circuit boards.
 400 watts peak pulse power (tp=8/20s)
 Transient protection for asymmetrical data lines to
IEC 61000-4-2 (ESD) ±15kV(air), ±8kV(contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20s)
 Protects two +12V to -7V lines
 Low capacitance
 Low leakage current
 Low clamping voltage
 Solid-state silicon avalanche technology
 RoHS compliant
FEATURES
 P/N suffix V means AEC-Q101 qualified,
e.g:RSM712V




Similar Part No. - RSM712

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RSM-102-02-F-D-FR SAMTEC-RSM-102-02-F-D-FR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-K SAMTEC-RSM-102-02-F-D-K Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-P SAMTEC-RSM-102-02-F-D-P Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-TR SAMTEC-RSM-102-02-F-D-TR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-S-FR SAMTEC-RSM-102-02-F-S-FR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
More results


Similar Description - RSM712

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
401Kb / 3P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Semtech Corporation
SM712 SEMTECH-SM712_04 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
StarHope
TESD712G2B SPSEMI-TESD712G2B Datasheet
501Kb / 3P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Diotech Company.
SM712 DIOTECH-SM712 Datasheet
1Mb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Zibo Seno Electronic En...
SM712 ZSELEC-SM712 Datasheet
271Kb / 3P
Asymmertrical TVS Diode for Extended Common-Mode Rs-485
logo
SHIKUES Electronics
SM712 SKTECHNOLGY-SM712 Datasheet
649Kb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
First Silicon Co., Ltd
FTV712G2B FS-FTV712G2B Datasheet
388Kb / 3P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shanghai Leiditech Elec...
LM1235P6 LEIDITECH-LM1235P6 Datasheet
2Mb / 5P
Asymmetrical TVS Diode for Dual Extended Common-Mode
logo
Shenzhen Luguang Electr...
SM712 LUGUANG-SM712 Datasheet
1Mb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
Revision:20170701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com