Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS12CTQ045-M3 Datasheet (PDF) - Vishay Siliconix

VS12CTQ045-M3 Datasheet PDF - Vishay Siliconix
Part # VS12CTQ045-M3
Download  VS12CTQ045-M3 Download
File Size   183.54 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 6 A

VS12CTQ045-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS12CTQ045-M3 Datasheet PDF - Vishay Siliconix

Part # VS12CTQ045-M3
Download  VS12CTQ045-M3 Click to download

File Size   183.54 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 6 A

VS12CTQ045-M3 Datasheet (HTML) - Vishay Siliconix


VS12CTQ045-M3 Product details

FEATURES
• 175 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified according to JEDEC®-JESD 47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
The VS-12CTQ... center tap Schottky rectifier series has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable
operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.




Similar Part No. - VS12CTQ045-M3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS125B ETC-VS125B Datasheet
51Kb / 2P
SENSOR /CAPTEUR
logo
Rohm
VS12VUA1LAM ROHM-VS12VUA1LAM Datasheet
1Mb / 10P
Transient Voltage Suppressor
VS12VUA1LAM ROHM-VS12VUA1LAM Datasheet
1Mb / 10P
Transient Voltage Suppressor
VS12VUA1LAM ROHM-VS12VUA1LAM Datasheet
1Mb / 10P
Transient Voltage Suppressor
VS12VUA1LAM ROHM-VS12VUA1LAM Datasheet
1Mb / 10P
Transient Voltage Suppressor
More results


Similar Description - VS12CTQ045-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10WQ045FN-M3 VISHAY-VS-10WQ045FN-M3_15 Datasheet
178Kb / 8P
High Performance Schottky Rectifier, 2 x 6 A
25-Feb-14
VS-12CTQS-M3 VISHAY-VS-12CTQS-M3 Datasheet
196Kb / 8P
High Performance Schottky Rectifier, 2 x 6 A
25-Feb-14
12CWQ10F VISHAY-12CWQ10F Datasheet
150Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
22-Nov-16
VS-12CTQ035-M3 VISHAY-VS-12CTQ035-M3 Datasheet
176Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
17-Aug-17
VS-12CTQPBF VISHAY-VS-12CTQPBF_V01 Datasheet
122Kb / 6P
High Performance Schottky Rectifier, 2 x 6 A
21-Oct-15
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF_V01 Datasheet
126Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ06FN-M3 VISHAY-VS-12CWQ06FN-M3_V01 Datasheet
152Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
22-Nov-16
VS-12CWQ06FNPBF VISHAY-VS-12CWQ06FNPBF_V01 Datasheet
126Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ10FNPBF VISHAY-VS-12CWQ10FNPBF_V01 Datasheet
125Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ10FN-M3 VISHAY-VS-12CWQ10FN-M3_V01 Datasheet
151Kb / 7P
High Performance Schottky Rectifier, 2 x 6 A
22-Nov-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com