Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDS0651 Datasheet (PDF) - DAICO Industries, Inc.

CDS0651 Datasheet PDF - DAICO Industries, Inc.
Part # CDS0651
Download  CDS0651 Download
File Size   149.74 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description GaAs SPST

CDS0651 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDS0651 Datasheet PDF - DAICO Industries, Inc.

Part # CDS0651
Download  CDS0651 Click to download

File Size   149.74 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description GaAs SPST

CDS0651 Datasheet (HTML) - DAICO Industries, Inc.


CDS0651 Product details

FEATURES
• 20 -1500 MHz
• 11 nSec Transition Time
• 23 nSec Switching Speed
• 3.5 mA, +5 VDC
• Replaceable SMA Connectors
• TTL Driver
• Non-Reflective
• See DS0699 & DS0690 For TO-8 & 14 Pin DIP Versions




Similar Part No. - CDS0651

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0621 DAICO-CDS0621 Datasheet
150Kb / 1P
Pin Diode SPST
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0623 DAICO-CDS0623 Datasheet
158Kb / 1P
PIN Diode SP3T
CDS0624 DAICO-CDS0624 Datasheet
159Kb / 1P
PIN Diode SP4T
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
More results


Similar Description - CDS0651

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0671 DAICO-CDS0671 Datasheet
145Kb / 1P
GaAs SPST
DSW18033 DAICO-DSW18033 Datasheet
140Kb / 1P
GaAs SPST
logo
BOWEI Integrated Circui...
HE017 BOWEI-HE017 Datasheet
103Kb / 1P
GaAs SPST Analog Switches
HE118 BOWEI-HE118 Datasheet
94Kb / 1P
GaAs SPST Microwave Switch
HR139 BOWEI-HR139 Datasheet
75Kb / 1P
GaAs SPST Microwave Switch
XN511 BOWEI-XN511 Datasheet
116Kb / 1P
GaAs SPST Analog Switches
XN521-I BOWEI-XN521-I Datasheet
86Kb / 1P
GaAs SPST Analog Switches
logo
M/A-COM Technology Solu...
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
GaAs SPST Switch
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com