Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-8CWH02FNHM3 Datasheet (PDF) - Vishay Siliconix

VS-8CWH02FNHM3 Datasheet PDF - Vishay Siliconix
Part # VS-8CWH02FNHM3
Download  VS-8CWH02FNHM3 Download
File Size   166.31 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 2 x 4 A FRED Pt짰

VS-8CWH02FNHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-8CWH02FNHM3 Datasheet PDF - Vishay Siliconix

Part # VS-8CWH02FNHM3
Download  VS-8CWH02FNHM3 Click to download

File Size   166.31 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hyperfast Rectifier, 2 x 4 A FRED Pt짰

VS-8CWH02FNHM3 Datasheet (HTML) - Vishay Siliconix


VS-8CWH02FNHM3 Product details

FEATURES
• Hyperfast recovery time
• 175 °C max. operating junction temperature
• Output rectification freewheeling
• Low forward voltage drop reduced Qrr and
soft recovery
• Low leakage current
• AEC-Q101 qualified
• Meets JESD 201 class 1A whisker test
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION / APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time, and soft recovery.
The planar structure and the platinum doped life time
control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC boost stage in the
AC/DC section of SMPS inverters or as freewheeling diodes.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce
over dissipation in the switching element and snubbers.




Similar Part No. - VS-8CWH02FNHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
124Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
02-Aug-12
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
165Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
19-Feb-2021
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
165Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
19-Feb-2021
More results


Similar Description - VS-8CWH02FNHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS8CWH02FNHM3 VISHAY-VS8CWH02FNHM3 Datasheet
165Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
19-Feb-2021
VS-8CVH02-M3 VISHAY-VS-8CVH02-M3 Datasheet
148Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
11-Jan-2021
VS-8CVH02HM3 VISHAY-VS-8CVH02HM3 Datasheet
151Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
11-Jan-2021
VS-8DKH02-M3 VISHAY-VS-8DKH02-M3 Datasheet
228Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
29-Jan-2021
VS-8CWH02FNM3 VISHAY-VS-8CWH02FNM3 Datasheet
165Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
19-Feb-2021
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3_V01 Datasheet
141Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
13-Jan-2021
VS-8CSH01HM3 VISHAY-VS-8CSH01HM3_V01 Datasheet
145Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt®
13-Jan-2021
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3_V01 Datasheet
141Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt짰
13-Jan-2021
VS-8CVH01HM3 VISHAY-VS-8CVH01HM3_V01 Datasheet
164Kb / 7P
Hyperfast Rectifier, 2 x 4 A FRED Pt짰
18-Feb-2022
VS-8DKH02HM3 VISHAY-VS-8DKH02HM3_V01 Datasheet
231Kb / 8P
Hyperfast Rectifier, 2 x 4 A FRED Pt짰
29-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com