Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA0784-1 Datasheet (PDF) - DAICO Industries, Inc.

DA0784-1 Datasheet PDF - DAICO Industries, Inc.
Part # DA0784-1
Download  DA0784-1 Download
File Size   177.67 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description GaAs 4 Section Attenuator

DA0784-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA0784-1 Datasheet PDF - DAICO Industries, Inc.

Part # DA0784-1
Download  DA0784-1 Click to download

File Size   177.67 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description GaAs 4 Section Attenuator

DA0784-1 Datasheet (HTML) - DAICO Industries, Inc.


DA0784-1 Product details

FEATURES
• 10 - 1000 MHz
• 0.8 mA, +5 VDC
• 1 dB LSB, 15 dB Range
• 20 nSec Switching Speed
• 12 nSec Transition Time
• 48 mV Transients
• TTL Control
• 12 Pin Surface Mount Package
• See DA0984 -1 For 12 Pin TO-8 Package




Similar Part No. - DA0784-1

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0786 DAICO-DA0786 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
More results


Similar Description - DA0784-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAT48049 ETC1-CAT48049 Datasheet
30Kb / 1P
GaAs 4 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0923-10 DAICO-DA0923-10 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
DA0984-1 DAICO-DA0984-1 Datasheet
29Kb / 1P
GaAs 4 Section Attenuator
DAT41944 DAICO-DAT41944 Datasheet
164Kb / 1P
GaAs 4 Section Attenuator
DAT41994 DAICO-DAT41994 Datasheet
31Kb / 1P
GaAs 4 Section Attenuator
CAT48049 DAICO-CAT48049 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
CAT48053 DAICO-CAT48053 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com