Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA0844 Datasheet (PDF) - DAICO Industries, Inc.

DA0844 Datasheet PDF - DAICO Industries, Inc.
Part # DA0844
Download  DA0844 Download
File Size   40.96 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN Diode 6 Section Attenuator

DA0844 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA0844 Datasheet PDF - DAICO Industries, Inc.

Part # DA0844
Download  DA0844 Click to download

File Size   40.96 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN Diode 6 Section Attenuator

DA0844 Datasheet (HTML) - DAICO Industries, Inc.


DA0844 Product details

FEATURES
■ 100 - 200 MHz
■ 50 mA, +5 VDC
■ 1 dB LSB, 63 dB Range
■ TTL Control
■ 38 Pin DIP




Similar Part No. - DA0844

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
DA084 STEGO-DA084 Datasheet
1Mb / 1P
PRESSURE COMPENSATION DEVICE
05.04.2023
More results


Similar Description - DA0844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
PIN DIODE 7 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
DA0659 DAICO-DA0659 Datasheet
38Kb / 1P
PIN DIODE 5 SECTION ATTENUATOR
100C1585 DAICO-100C1585 Datasheet
45Kb / 1P
PIN Diode 7 Section Attenuator
CDA0666 DAICO-CDA0666 Datasheet
38Kb / 1P
PIN Diode 5 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
PIN Diode 5 Section Attenuator
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
PIN Diode 7 Section Attenuator
DAO879 DAICO-DAO879 Datasheet
143Kb / 1P
PIN Diode 1 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
PIN Diode 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com