Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAML6231 Datasheet (PDF) - DAICO Industries, Inc.

DAML6231 Datasheet PDF - DAICO Industries, Inc.
Part # DAML6231
Download  DAML6231 Download
File Size   96.03 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description X-Band LNA

DAML6231 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAML6231 Datasheet PDF - DAICO Industries, Inc.

Part # DAML6231
Download  DAML6231 Click to download

File Size   96.03 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description X-Band LNA

DAML6231 Datasheet (HTML) - DAICO Industries, Inc.


DAML6231 Product details


FEATURES
■ 8.5 - 11 GHz
■ SMA Connector
■ 5 dB Noise Figure
■ +40 dBm 3rd Order Intercept Point
■ 32 dB Gain




Similar Part No. - DAML6231

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6266 DAICO-DAML6266 Datasheet
127Kb / 1P
Low Noise Amplifier
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6278 DAICO-DAML6278 Datasheet
49Kb / 1P
Broadband LNA
More results


Similar Description - DAML6231

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
800MHz BAND LNA GaAs MMIC
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
X-BAND LNA MMIC
FMA219 FILTRONIC-FMA219_1 Datasheet
389Kb / 5P
X-BAND LNA MMIC
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004_15 Datasheet
244Kb / 12P
Low Band Dual LNA
TQP3M6005 TRIQUINT-TQP3M6005_15 Datasheet
414Kb / 7P
Mid Band Dual LNA
logo
Will Semiconductor Ltd.
WS7930D WILLSEMI-WS7930D Datasheet
640Kb / 6P
CMOS Low Band LTE LNA
WS7931DB WILLSEMI-WS7931DB Datasheet
760Kb / 7P
CMOS Medium Band LTE LNA
WS7932D WILLSEMI-WS7932D Datasheet
542Kb / 6P
CMOS High Band LTE LNA
logo
Guerrilla RF, Inc.
GRF2710 GUERRILLA-GRF2710 Datasheet
1Mb / 17P
HIGH GAIN, X-Band LNA 8 to 12 GHz
April 4, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com