Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFEU Datasheet (PDF) - ON Semiconductor

AX-SFEU Datasheet PDF - ON Semiconductor
Part # AX-SFEU
Download  AX-SFEU Download
File Size   366.99 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link

AX-SFEU Datasheet (PDF)

Go To PDF Page Download Datasheet
AX-SFEU Datasheet PDF - ON Semiconductor

Part # AX-SFEU
Download  AX-SFEU Click to download

File Size   366.99 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link

AX-SFEU Datasheet (HTML) - ON Semiconductor


AX-SFEU Product details

Circuit Description
AX−SFEU and AX−SFEU−API are ultra−low power
single chip solutions for a node on the Sigfox network with
both up− and down−link functionality. The AX−SFEU chip
is delivered fully ready for operation and contains all the
necessary firmware to transmit and receive data from the
Sigfox network in Europe. It connects to the customer
product using a logic level RS232 UART. AT commands are
used to send frames and configure radio parameters.
The AX−SFEU−API variant is intended for customers
wishing to write their own application software based on the
AX−SF−LIB−1−GEVK library.

Features
Functionality and Ecosystem
• Sigfox up−link and down−link functionality controlled
by AT commands or API
• The AX−SFEU and AX−SF−API ICs are part of a
whole development and product ecosystem available
from ON Semiconductor for any Sigfox requirement.
Other parts of the ecosystem include
♦ Ready to go development kit
DVK−SFEU−[API]−1−GEVK including a 2 year
Sigfox subscription
♦ Sigfox Ready® certified reference design for the
AX−SFEU and AX−SFEU−API ICs
♦ AX−SF10−MINI21−868−B1 and
AX−SF10−ANT21−868−B1, Sigfox compliant SMT
modules based on AX−SFEU with 50  pads or chip
antenna. Not available for AX−SFEU−API

General Features
• QFN40 5 mm x 7 mm package
• Supply range 2.1 − 3.6 V
• −40°C to 85°C
• Temperature sensor
• Supply voltage measurements




Similar Part No. - AX-SFEU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SFEU-1-01-3000 ONSEMI-AX-SFEU-1-01-3000 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SFEU-1-01-500 ONSEMI-AX-SFEU-1-01-500 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SFEU-1-01-XXXX ONSEMI-AX-SFEU-1-01-XXXX Datasheet
279Kb / 20P
Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
More results


Similar Description - AX-SFEU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
logo
ON Semiconductor
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
logo
Maxim Integrated Produc...
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com