Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM0F343 Datasheet (PDF) - ON Semiconductor

AXM0F343 Datasheet PDF - ON Semiconductor
Part # AXM0F343
Download  AXM0F343 Download
File Size   659.34 Kbytes
Page   34 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller

AXM0F343 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXM0F343 Datasheet PDF - ON Semiconductor

Part # AXM0F343
Download  AXM0F343 Click to download

File Size   659.34 Kbytes
Page   34 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller

AXM0F343 Datasheet (HTML) - ON Semiconductor


AXM0F343 Product details

Features
• Ultra−Low−Power System−on−Chip (SoC) with Integrated Arm®
Cortex®−M0+ and Narrow−Band Sub−GHz RF Transceiver
• Narrow−Band Sub−GHz RF Transceiver
♦ Programmable Carrier from 27 to 1050 MHz
♦ Data Rates from 100 bps to 125 kbps
♦ FSK/MSK/4−FSK/GFSK/GMSK/ASK/AFSK/PSK
♦ Wake on Radio (WOR) for Minimal Average Receiver Current
Consumption
♦ Compatible with AX50xx Series Transceivers and SoCs
• Advanced Ultra−Low−Power Modes Optimized for Extremely Long
Battery Life
♦ Hibernate Mode with Wake−up Timer Running at as Low as
600 nA
♦ Shutdown Mode with GPIO Wakeup Only 230 nA
• Up to 40 MHz Arm 32−bit Cortex−M0+
♦ AXM0F343−64
64 kB of Embedded FLASH Memory and 8 kB of Internal RAM
Memory
♦ AXM0F343−256
256 kB Embedded FLASH Memory and 32 kB Internal RAM
Memory
♦ Flexible Internal and External Clocking Options
♦ 3 Channel Arm PL230 DMA Controller
♦ High Security: AES, CRC, and True Random Number Generator
Hardware Accelerators and Debug Port Lock
♦ 2 USART, SPI Controller, and I2C Communication Interfaces
♦ System Tick Timer, Three 16−bit General Purpose Timers, 32−bit
Tick Timer, 32−bit Wakeup Timer, and 32−bit Watchdog Timer
♦ Sigma−delta Modulator
♦ Four Capture/Compare/PWM
♦ 19 Programmable GPIO
♦ 12−bit 1M Sample/s ADC, up to 6 Channels
♦ Two Comparators
♦ Flexible Pin Mapping with Crossbar
♦ Internal 40 MHz High Speed RC Oscillator, with Software
Calibration Option Against a Reference Clock for Flexible System
Clocking
♦ Optional Low Frequency Crystal Oscillator for Accurate Low
Power Time Keeping
♦ Brown−out and Power−on−Reset Detection
♦ Internal Temperature and Voltage Sensor
• This is a Pb−Free Device

Applications
27−1050 MHz Licensed and Unlicensed
Radio Systems
• Battery Operated
• Internet of Things (IoT)
• Smart Retail Including Electronic Shelf
Labels (ESL)
• Automatic Meter Reading (AMR)
• Security and Tracking Applications
• Agriculture
• Building Automation
• Wireless Networks
• Energy Harvesting Smart Sensors




Similar Part No. - AXM0F343

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AXM0F343 ONSEMI-AXM0F343 Datasheet
987Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
April, 2021 ??Rev. 0
More results


Similar Description - AXM0F343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-434N-2 ETC2-RWS-434N-2 Datasheet
961Kb / 5P
Wireless Narrow Band Receiver Module
RWS-434N-3 ETC2-RWS-434N-3 Datasheet
957Kb / 5P
Wireless Narrow Band Receiver Module
RWS-434N-6 ETC2-RWS-434N-6 Datasheet
957Kb / 5P
Wireless Narrow Band Receiver Module
RWS-438-2 ETC2-RWS-438-2 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-3 ETC2-RWS-438-3 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-4 ETC2-RWS-438-4 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-5 ETC2-RWS-438-5 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-6 ETC2-RWS-438-6 Datasheet
302Kb / 3P
Wireless Narrow Band Receiver Module
RWS-530-2 ETC2-RWS-530-2 Datasheet
407Kb / 4P
Wireless Narrow Band Receiver Module
logo
ON Semiconductor
AXM0F343 ONSEMI-AXM0F343 Datasheet
987Kb / 34P
Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
April, 2021 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com