Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATI2202 Datasheet (PDF) - Analog Technologies, Inc.

ATI2202 Datasheet PDF - Analog Technologies, Inc.
Part # ATI2202
Download  ATI2202 Download
File Size   758.33 Kbytes
Page   9 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description ATI2202 Step-Down DC/DC Converter

ATI2202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATI2202 Datasheet PDF - Analog Technologies, Inc.

Part # ATI2202
Download  ATI2202 Click to download

File Size   758.33 Kbytes
Page   9 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description ATI2202 Step-Down DC/DC Converter

ATI2202 Datasheet (HTML) - Analog Technologies, Inc.


ATI2202 Product details

FEATURES
 Input Voltage Range: 4.75V ~ 18V
 Output Voltage Adjustable Range: 0.923V ~ 0.9VIN
 Output Current up to 2A
 Efficiency up to 93%
 Programmable Soft Start
 Over Current Protection
 Over Temperature Protection
 Input Under Voltage Lockout
 Integrated 0.13Ω Power MOSFET Switches
 100% Lead (Pb) Free and RoHS Compliant
 Fixed Frequency: 340 kHz

APPLICATIONS
LED Drive
Low Noise Voltage Source/ Current Source
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Notebook Computers
Green Electronics or Appliance

DESCRIPTION
ATI2202 is a 340kHz fixed frequency PWM synchronous
step-down regulator. The ATI2202 is operated from 4.75V to
18V, the generated output is adjustable from 0.923V to
0.9VIN, and the output current can be up to 2A.
The integrated two MOSFET switches have a turn on
resistance of 0.13Ω. The current mode control provides fast
transient response and cycle-by-cycle over current protection.
The shutdown current is 1μA typical. Adjustable soft start
prevents inrush current at turn on. The ATI2202 features an
over temperature shutdown protection.
The ATI2202 is in a thermally enhanced SOP-8 package
which comes with a heat sink solder pad underneath, and it is
RoHS compliant and 100% lead (Pb) free.




Similar Part No. - ATI2202

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
ATI2.4G YIC-ATI2.4G Datasheet
824Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G YIC-ATI2.4G Datasheet
872Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G2540-1.37-150 YIC-ATI2.4G2540-1.37-150 Datasheet
824Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
ATI2.4G2540-MMCX YIC-ATI2.4G2540-MMCX Datasheet
872Kb / 6P
2.4 GHz Patch Antenna with Cable and Connector
logo
Analog Technologies, In...
ATI2301 ANALOGTECHNOLOGIES-ATI2301 Datasheet
710Kb / 13P
ATI2301 DC-DC Converter
4/9/2021
More results


Similar Description - ATI2202

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
Step Down DC/DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
Step-Down DC-DC Converter
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
STEP-DOWN DC-DC CONVERTER
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com