Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A104 Datasheet (PDF) - Analog Technologies, Inc.

ATLS1A104 Datasheet PDF - Analog Technologies, Inc.
Part # ATLS1A104
Download  ATLS1A104 Download
File Size   960.95 Kbytes
Page   15 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Low Noise Constant Current Laser Controller

ATLS1A104 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS1A104 Datasheet PDF - Analog Technologies, Inc.

Part # ATLS1A104
Download  ATLS1A104 Click to download

File Size   960.95 Kbytes
Page   15 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Low Noise Constant Current Laser Controller

ATLS1A104 Datasheet (HTML) - Analog Technologies, Inc.


ATLS1A104 Product details

FEATURES
Ultra-Low Noise (RMS): <0.6μARMS@ 0.1Hz ~ 10Hz
High IOUT: 1A
High IOUT Absolute Accuracy: 1000±0.5 (mA) @ VLIS=2.5V
High IOUT Stability: <±0.5mA @ T = −30ºC ~ 60ºC
Independently programmable IOUT and IOUT limit
Loop good indication
Controller internal temperature monitoring
Complete Shielding
Compact Size
100 % Lead (Pb)-free and RoHS Compliant
DIP and SMT Packages Available
Soft-Start
Note: The surface mount version is not recommended
for new designs.

DESCRIPTION
The ATLS1A104 is an electronic module designed for
driving diode lasers with up to 1A extra low noise current.
The output voltage is 0.5V to 3.5V when powered by a 5.5V
power supply. Figure 1 shows the photo of ATLS1A104.
The controller has temperature compensation network so
that the output current maintains the same even as the
controller temperature rises.
In case the controller temperature exceeds a preset limit, 120°C,
the controller will be shut down by itself to prevent the
controller from being damaged by the over heat.
The output current of the ATLS1A104 can be set by an input
voltage linearly or modulated by an external signal of up to
4.67MHz in bandwidth, resulting in a minimum 75ns rise and
fall times at the output current.
A highly stable low noise 2.5V reference voltage is provided
internally for setting the output current. This reference can also
be used as the voltage reference for external ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) which are utilized for converting the analog signals,
such as LIO which represents the output current, into digital
signals, and/or converting the digital signals into analog ones
for setting the analog voltages, such as LIS which sets the
output current.
The ATLS1A104 is packaged in a 6 sided metal enclosure,
which blocks EMIs (Electro-Magnetic Interferences) to prevent
the controller and other electronics from interfering each other.
This laser driver can be evaluated by our evaluation board,
ATLS1A103DEV1.0.
There are 2 packaging versions available: DIP through hole
package and surface mount type.
Note: The wire for connecting the controller and the cathode
and anode of the laser diode should be less than 10cm. See
Figure 5.1.




Similar Part No. - ATLS1A104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATLS1A101 ETC2-ATLS1A101 Datasheet
90Kb / 6P
Low Noise Constant Current Laser Driver
ATLS1A101-D ETC2-ATLS1A101-D Datasheet
90Kb / 6P
Low Noise Constant Current Laser Driver
ATLS1A101-S ETC2-ATLS1A101-S Datasheet
90Kb / 6P
Low Noise Constant Current Laser Driver
ATLS1A102 ETC2-ATLS1A102 Datasheet
104Kb / 6P
Low Noise Constant Current Laser Driver
ATLS1A102-D ETC2-ATLS1A102-D Datasheet
104Kb / 6P
Low Noise Constant Current Laser Driver
More results


Similar Description - ATLS1A104

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA104 ANALOGTECHNOLOGIES-ATLS100MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA103 ANALOGTECHNOLOGIES-ATLS250MA103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA103 ANALOGTECHNOLOGIES-ATLS500MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS500MA106 ANALOGTECHNOLOGIES-ATLS500MA106 Datasheet
559Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com