Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20H100CT Datasheet (PDF) - Vishay Siliconix

MBR20H100CT Datasheet PDF - Vishay Siliconix
Part # MBR20H100CT
Download  MBR20H100CT Download
File Size   162.84 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode High Voltage Schottky Rectifier

MBR20H100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20H100CT Datasheet PDF - Vishay Siliconix

Part # MBR20H100CT
Download  MBR20H100CT Click to download

File Size   162.84 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode High Voltage Schottky Rectifier

MBR20H100CT Datasheet (HTML) - Vishay Siliconix


MBR20H100CT Product details

FEATURES
• Power pack
• Guardring for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB and ITO-220AB package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, freewheeling diodes, DC/DC converters and
polarity protection application.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, D2PAK (TO-263AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
ON Semiconductor
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT Datasheet
444Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
507Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
08-Nov-07
More results


Similar Description - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode High Voltage Schottky Rectifier
19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
Dual Common-Cathode High-Voltage Schottky Rectifier
09-Aug-11
logo
Nell Semiconductor Co.,...
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
Dual Common Cathode High-Voltage Schottky Rectifier
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
Dual Common Cathode High-Voltage Schottky Rectifier,
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
Dual Common Cathode High Voltage Schottky Rectifier
17-Aug-15
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
13-Aug-13
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
11-Dec-14
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
18-Mar-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com